データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE5166 データシート(PDF) 3 Page - Analog Devices

部品番号 ADE5166
部品情報  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE5166 データシート(HTML) 3 Page - Analog Devices

  ADE5166_09 Datasheet HTML 1Page - Analog Devices ADE5166_09 Datasheet HTML 2Page - Analog Devices ADE5166_09 Datasheet HTML 3Page - Analog Devices ADE5166_09 Datasheet HTML 4Page - Analog Devices ADE5166_09 Datasheet HTML 5Page - Analog Devices ADE5166_09 Datasheet HTML 6Page - Analog Devices ADE5166_09 Datasheet HTML 7Page - Analog Devices ADE5166_09 Datasheet HTML 8Page - Analog Devices ADE5166_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 3 of 156
Writing to the Watchdog Timer SFR (WDCON, Address
0xC0).............................................................................................98
Watchdog Timer Interrupt.........................................................98
LCD Driver ......................................................................................99
LCD Registers ..............................................................................99
LCD Setup ................................................................................. 102
LCD Timing and Waveforms ................................................. 102
Blink Mode................................................................................ 103
Scrolling Mode ......................................................................... 103
Display Element Control......................................................... 103
Voltage Generation .................................................................. 104
LCD External Circuitry........................................................... 104
LCD Function in PSM2 Mode ............................................... 105
Flash Memory ............................................................................... 106
Flash Memory Overview......................................................... 106
Flash Memory Organization................................................... 106
Using the Flash Memory ......................................................... 107
Protecting the Flash Memory ................................................. 110
In-Circuit Programming ......................................................... 112
Timers ............................................................................................ 113
Timer Registers......................................................................... 113
Timer 0 and Timer 1................................................................ 115
Timer 2 ...................................................................................... 116
PLL ................................................................................................. 118
PLL Registers ............................................................................ 118
Real-Time Clock (RTC) .............................................................. 119
Access to RTC SFRs ................................................................. 119
Access to Internal RTC Registers ........................................... 119
RTC SFRs .................................................................................. 120
RTC Registers ........................................................................... 123
RTC Calendar ........................................................................... 124
RTC Interrupts ......................................................................... 125
RTC Crystal Compensation.................................................... 126
UART Serial Interface...................................................................127
UART SFRs ................................................................................127
UART Operation Modes ..........................................................130
UART Baud Rate Generation ..................................................131
UART Additional Features ......................................................133
UART2 Serial Interface.................................................................134
UART2 SFRs ..............................................................................134
UART2 Operation Modes........................................................136
UART2 Baud Rate Generation ................................................136
UART2 Additional Features ....................................................137
Serial Peripheral Interface (SPI)..................................................138
SPI Registers ..............................................................................138
SPI Pins.......................................................................................141
SPI Master Operating Modes ..................................................142
SPI Interrupt and Status Flags .................................................143
I2C-Compatible Interface .............................................................144
Serial Clock Generation ...........................................................144
Slave Addresses..........................................................................144
I2C Registers...............................................................................144
Read and Write Operations .....................................................145
I2C Receive and Transmit FIFOs.............................................146
I/O Ports .........................................................................................147
Parallel I/O.................................................................................147
I/O Registers ..............................................................................148
Port 0...........................................................................................151
Port 1...........................................................................................151
Port 2...........................................................................................151
Determining the Version of the
ADE5166/ADE5169/ADE5566/ADE5569 ................................152
Outline Dimensions......................................................................153
Ordering Guide .........................................................................153
REVISION HISTORY
11/09—Rev. A to Rev. B
Deleted RTCCAL Function ......................................... Throughout
Changes to Fault Detection (ADE5166/ADE5169
Only) Section ...................................................................................51
2/09—Rev. 0 to Rev. A
Added ADE5566/ADE5569 .............................................. Universal
Changes to General Features and Microprocessor Features .......1
Change to Figure 29, Figure 30, and Figure 31 ...........................23
Changes to Figure 46 ......................................................................49
Changes to Figure 59 ......................................................................56
Changes to Figure 61 ......................................................................57
Change to Figure 73........................................................................67
Changes to Figure 89 ......................................................................95
Changes to Figure 103 ..................................................................120
Changes to Determining the Version of the
ADE5166/ADE5169/ADE5566/ADE5569 Section ..................152
Changes to Ordering Guide.........................................................153
10/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More