データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE5569 データシート(PDF) 73 Page - Analog Devices

部品番号 ADE5569
部品情報  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE5569 データシート(HTML) 73 Page - Analog Devices

Back Button ADE5569 Datasheet HTML 69Page - Analog Devices ADE5569 Datasheet HTML 70Page - Analog Devices ADE5569 Datasheet HTML 71Page - Analog Devices ADE5569 Datasheet HTML 72Page - Analog Devices ADE5569 Datasheet HTML 73Page - Analog Devices ADE5569 Datasheet HTML 74Page - Analog Devices ADE5569 Datasheet HTML 75Page - Analog Devices ADE5569 Datasheet HTML 76Page - Analog Devices ADE5569 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 73 of 156
ENERGY MEASUREMENT INTERRUPTS
The energy measurement part of the ADE5166/ADE5169/
ADE5566/ADE5569 has its own interrupt vector for the 8052 core,
Vector Address 0x004B (see the Interrupt Vectors section). The bits
set in the Interrupt Enable 1 SFR (MIRQENL, Address 0xD9),
Interrupt Enable 2 SFR (MIRQENM, Address 0xDA), and
Interrupt Enable 3 SFR (MIRQENH, Address 0xDB) enable the
energy measurement interrupts that are allowed to interrupt the
8052 core. If an event is not enabled, it cannot create a system
interrupt.
The ADE interrupt stays active until the status bit that created the
interrupt is cleared. The status bit is cleared when a 0 is written to
this register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More