データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EVAL-ADE5569F62EBZ データシート(PDF) 90 Page - Analog Devices

部品番号 EVAL-ADE5569F62EBZ
部品情報  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE5569F62EBZ データシート(HTML) 90 Page - Analog Devices

Back Button EVAL-ADE5569F62EBZ Datasheet HTML 86Page - Analog Devices EVAL-ADE5569F62EBZ Datasheet HTML 87Page - Analog Devices EVAL-ADE5569F62EBZ Datasheet HTML 88Page - Analog Devices EVAL-ADE5569F62EBZ Datasheet HTML 89Page - Analog Devices EVAL-ADE5569F62EBZ Datasheet HTML 90Page - Analog Devices EVAL-ADE5569F62EBZ Datasheet HTML 91Page - Analog Devices EVAL-ADE5569F62EBZ Datasheet HTML 92Page - Analog Devices EVAL-ADE5569F62EBZ Datasheet HTML 93Page - Analog Devices EVAL-ADE5569F62EBZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 90 of 156
RLC A
This instruction rotates the accumulator to the left through the
carry flag. The old MSB of the accumulator becomes the new
carry flag, and the old carry flag is loaded into the new LSB of
the accumulator.
The carry status flag is referenced by this instruction.
Table 77. RLC A Affected Status Flag
Flag
Description
C
Equal to the state of ACC[7] before execution of the
instruction.
CJNE Destination, Source, Relative Jump
This instruction compares the source value to the destination
value and branches to the location set by the relative jump if
they are not equal. If the values are equal, program execution
continues with the instruction after the CJNE instruction.
No status flags are referenced by this instruction.
Table 78. CJNE Destination (Source, Relative Jump) Affected
Status Flag
Flag
Description
C
Set if the source value is greater than the destination
value. Cleared otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More