| データシートサーチシステム |
|
OXUFS936DS データシート(PDF) 2 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
OXUFS936DS データシート(HTML) 2 Page - PLX Technology |
|
2 / 2 page ![]() OXUF936DS, Universal Interface to Dual SATA RAID Controller RAID The chip supports several RAID functions, including: o Striping (RAID 0) delivers the highest performance but provides no data integrity or redundancy. o Mirroring (RAID 1) provides the highest level of data integrity with 100% data redundancy. o Spanning (concatenation) presents all drives as a single large volume. Development Tools and custom solutions For external Mac and PC storage solutions, Oxford Semiconductor offers a comprehensive support package including: o Reference designs comprising both hardware and software components o Evaluation boards o Software Development Kit (SDK) comprising source code and debug boards o Extensive range of application notes OXUF936DS Block Diagram Product Ordering Information Part Number Description OXUF936DS- FBAG Universal Interface to Dual SATA RAID Controller PLX Technology, Inc. All rights reserved. PLX and the PLX logo are trademarks of PLX Technology, Inc. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX assumes no responsibility for any errors that may appear in this material. PLX reserves the right, without notice, to make changes in product design or specification. Visit www.plxtech.com for more information. © PLX Technology, www.plxtech.com Page 2 of 2 4/8/2009, Version 1.0 |