データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC5121E データシート(PDF) 12 Page - Freescale Semiconductor, Inc

部品番号 MPC5121E
部品情報  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E データシート(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Pin Assignments
Freescale Semiconductor
12
PCI_GNT0
E25
PCI
VDD_IO
—
PCI_GNT1
G22
PCI
VDD_IO
—
PCI_GNT2
E24
PCI
VDD_IO
—
PCI_CLK
C26
PCI
VDD_IO
—
PSC Interface (61 Total)
PSC_MCLK_IN
C17
General IO
VDD_IO
—
PSC0_0
D16
General IO
VDD_IO
—
PSC0_1
A17
General IO
VDD_IO
—
PSC0_2
E15
General IO
VDD_IO
—
PSC0_3
C16
General IO
VDD_IO
—
PSC0_4
B16
General IO
VDD_IO
—
PSC1_0
C15
General IO
VDD_IO
—
PSC1_1
A16
General IO
VDD_IO
—
PSC1_2
E14
General IO
VDD_IO
—
PSC1_3
A15
General IO
VDD_IO
—
PSC1_4
D14
General IO
VDD_IO
—
PSC2_0
C14
General IO
VDD_IO
—
PSC2_1
B14
General IO
VDD_IO
—
PSC2_2
E13
General IO
VDD_IO
—
PSC2_3
A14
General IO
VDD_IO
—
PSC2_4
D13
General IO
VDD_IO
—
PSC3_0
AF3
General IO
VDD_IO
—
PSC3_1
AB5
General IO
VDD_IO
—
PSC3_2
AC4
General IO
VDD_IO
—
PSC3_3
AD4
General IO
VDD_IO
—
PSC3_4
AF4
General IO
VDD_IO
—
PSC4_0
AB1
General IO
VDD_IO
—
PSC4_1
AA3
General IO
VDD_IO
—
PSC4_2
AB3
General IO
VDD_IO
—
PSC4_3
AA5
General IO
VDD_IO
—
PSC4_4
AC2
General IO
VDD_IO
—
PSC5_0
AC1
General IO
VDD_IO
—
PSC5_1
AC3
General IO
VDD_IO
—
PSC5_2
AD1
General IO
VDD_IO
—
Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 7 of 12)
Signal
Package Pin Number
Pad Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86