| データシートサーチシステム |
|
MPC5604PEFMLL データシート(PDF) 67 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604PEFMLL データシート(HTML) 67 Page - Freescale Semiconductor, Inc |
|
67 / 84 page ![]() MPC5604P Microcontroller Data Sheet, Rev. 5 Preliminary—Subject to Change Without Notice Freescale Semiconductor 67 Figure 27. External interrupt timing 3.16.5 DSPI timing Table 38. DSPI timing No. Symbol C Parameter Conditions Min Max Unit 1tSCK CC D DSPI cycle time Master (MTFE = 0) 60 — ns Slave (MTFE = 0) 60 — 2tCSC CC D CS to SCK delay — 16 — ns 3tASC CC D After SCK delay — 26 — ns 4tSDC CC D SCK duty cycle — 0.4 * tSCK 0.6 * tSCK ns 5tA CC D Slave access time SS active to SOUT valid — TBD ns 6tDIS CC D Slave SOUT disable time SS inactive to SOUT High-Z or invalid — 16 ns 7tPCSC CC D PCSx to PCSS time — 13 — ns 8tPASC CC D PCSS to PCSx time — 13 — ns 9tSUI CC D Data setup time for inputs Master (MTFE = 0) 35 — ns Slave 4— Master (MTFE = 1, CPHA = 0) 35 — Master (MTFE = 1, CPHA = 1) 35 — 10 tHI CC D Data hold time for inputs Master (MTFE = 0) -5 — ns Slave 4 — Master (MTFE = 1, CPHA = 0) 11 — Master (MTFE = 1, CPHA = 1) -5 — IRQ 2 3 1 |