データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT46R01A データシート(PDF) 3 Page - Holtek Semiconductor Inc

部品番号 HT46R01A
部品情報  Small Package A/D Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01A データシート(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R01A Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
Pin Description
Pin Name
I/O
Configuration
Options
Description
PA0/AN0
I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using
the wake-up register. Software instructions determine if the pin is a CMOS
output or a Schmitt Trigger input. A pull-high resistor can be connected using
the pull-high register. PA0 is pin-shared with the AN0 input pin. The A/D input
function is selected via software instructions. If selected as an A/D input, the
I/O function and pull-high resistor functions are disabled automatically.
PA1/PFD/AN1
I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using
the wake-up register. Software instructions determine if the pin is a CMOS
output or a Schmitt Trigger input. A pull-high resistor can be connected using
the pull-high register. PA1 is pin-shared with the PFD output and the AN1 in-
put pin. The A/D input function is selected via software instructions. If selected
as an A/D input, the I/O function, PFD output and pull-high resistor functions
are disabled automatically. If the A/D function is not selected the PFD output
or I/O function selection is chosen via a bit in the CRTL0 register.
PA2/TMR0/AN2
I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using
the wake-up register. Software instructions determine if the pin is a CMOS
output or a Schmitt Trigger input. A pull-high resistor can be connected us-
ing the pull-high register. PA2 is pin-shared with the TMR0 input and the
AN2 input pin. The A/D input function is selected via software instructions. If
selected as an A/D input, the I/O function, timer input and pull-high resistor
functions are disabled automatically.
PA3/INT/AN3
I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using
the wake-up register. Software instructions determine if the pin is a CMOS
output or a Schmitt Trigger input. A pull-high resistor can be connected us-
ing the pull-high register. PA3 is pin-shared with the INT input and the AN3
input pin. The A/D input function is selected via software instructions. If se-
lected as an A/D input, the I/O function, external interrupt input and pull-high
resistor functions are disabled automatically.
PA4/PWM
I/O
¾
Bidirectional single line I/O. The pin can be setup as a wake-up input using
the wake-up register. Software instructions determine if the pin is a CMOS
output or a Schmitt Trigger input. A pull-high resistor can be connected us-
ing the pull-high register. PA4 is pin-shared with the PWM output pin. The
PWM output or I/O function selection is chosen via a bit in CTRL0 register.
PA6/OSC1
PA5/OSC2
I/O
RC, Crystal,
RTC or I/O
Bidirectional 2-line I/O. The pins can be setup as wake-up inputs using the
wake-up register. Software instructions determine if the pins are CMOS out-
puts or Schmitt Trigger inputs. Pull-high resistors can be connected using
the pull-high register. Configuration options determine if the pins are to be
used as oscillator pins or I/O pins. Configuration options also determine
which oscillator mode is selected. The four oscillator modes are:
1. Internal RC OSC: both pins configured as I/Os.
2. External crystal OSC: both pins configured as OSC1/OSC2.
3. Internal RC + RTC OSC: both pins configured as OSC2, OSC1.
4. External RC OSC+PA5: PA6 configured as OSC1 pin, PA5 configured
as I/O.
If the internal RC OSC is selected, the frequency will be fixed at either
4MHz, 8MHz or 12MHz, dependent upon which device is chosen.
PA7/RES
I
PA7 or RES
Active low Schmitt trigger reset input or PA7 input. A configuration option
determines which function is selected. PA7 has a wake-up function but does
not have a pull-high function.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
Note:
Each pin on PA except PA7 can be selected to have a pull-high resistor.
HT46R01A
Rev. 1.10
3
August 13, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58