| データシートサーチシステム |
|
HT86B05 データシート(PDF) 62 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86B05 データシート(HTML) 62 Page - Holtek Semiconductor Inc |
|
62 / 79 page ![]() Instruction Definition ADC A,[m] Add Data Memory to ACC with Carry Description The contents of the specified Data Memory, Accumulator and the carry flag are added. The result is stored in the Accumulator. Operation ACC ¬ ACC+[m]+C Affected flag(s) OV, Z, AC, C ADCM A,[m] Add ACC to Data Memory with Carry Description The contents of the specified Data Memory, Accumulator and the carry flag are added. The result is stored in the specified Data Memory. Operation [m] ¬ ACC+[m]+C Affected flag(s) OV, Z, AC, C ADD A,[m] Add Data Memory to ACC Description The contents of the specified Data Memory and the Accumulator are added. The result is stored in the Accumulator. Operation ACC ¬ ACC + [m] Affected flag(s) OV, Z, AC, C ADD A,x Add immediate data to ACC Description The contents of the Accumulator and the specified immediate data are added. The result is stored in the Accumulator. Operation ACC ¬ ACC+x Affected flag(s) OV, Z, AC, C ADDM A,[m] Add ACC to Data Memory Description The contents of the specified Data Memory and the Accumulator are added. The result is stored in the specified Data Memory. Operation [m] ¬ ACC + [m] Affected flag(s) OV, Z, AC, C AND A,[m] Logical AND Data Memory to ACC Description Data in the Accumulator and the specified Data Memory perform a bitwise logical AND op- eration. The result is stored in the Accumulator. Operation ACC ¬ ACC ²AND² [m] Affected flag(s) Z AND A,x Logical AND immediate data to ACC Description Data in the Accumulator and the specified immediate data perform a bitwise logical AND operation. The result is stored in the Accumulator. Operation ACC ¬ ACC ²AND² x Affected flag(s) Z ANDM A,[m] Logical AND ACC to Data Memory Description Data in the specified Data Memory and the Accumulator perform a bitwise logical AND op- eration. The result is stored in the Data Memory. Operation [m] ¬ ACC ²AND² [m] Affected flag(s) Z HT86BXX/HT86BRXX Rev. 1.60 62 October 20, 2009 |