データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT86B30 データシート(PDF) 50 Page - Holtek Semiconductor Inc

部品番号 HT86B30
部品情報  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B30 データシート(HTML) 50 Page - Holtek Semiconductor Inc

Back Button HT86B30 Datasheet HTML 46Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 47Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 48Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 49Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 50Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 51Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 52Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 53Page - Holtek Semiconductor Inc HT86B30 Datasheet HTML 54Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
HT86BXX/HT86BRXX
Rev. 1.60
50
October 20, 2009
Voice Output
Voice Control
The voice control register controls the voice ROM circuit
and the DAC circuit and selects the Voice ROM latch
counter. If the DAC circuit is not enabled, any DAH/DAL
outputs will be invalid. Writing a
²1² to the DAC bit will
enable the enable DAC circuit, while writing a
²0² to the
DAC bit will disable the DAC circuit. If the voice ROM cir-
cuit is not enabled, then voice ROM data cannot be ac-
cessed. Writing a
²1² to the VROMC bit will enable the
voice ROM circuit, while writing a
²0² to the VROMC bit
is will disable the voice ROM circuit. The LATCH bit de-
termines which voice ROM address latch counter will be
used as the voice ROM address latch counter.
Audio Output and Volume Control
- DAL, DAH, VOL
The audio output is 12-bits wide whose highest 8-bits
are written into the DAH register and whose lowest four
bits are written into the highest four bits of the DAL regis-
ter. Bits 0~3 of the DAL register are always read as zero.
There are 8 levels of volume which are setup using the
VOL register. Only the highest 3-bits of this register are
used for volume control, the other bits are not used and
read as zero.
Voice ROM Data Address Latch Counter
The Voice ROM address is 22-bits wide and therefore
requires three registers to store the address. There are
two sets of three registers to store this address, which
are LATCH0H/LATCH0M/LATCH0L and LATCH1H/
LATCH1M/LATCH1L. The 22-bit address stored in one
set of these three registers is used to access the 8-bit
voice code data in the Voice ROM. After the 8-bit Voice
ROM data is addressed, a few instruction cycles, of at
least 4us duration, are needed to latch the Voice ROM
data. After this the microcontroller can read the voice
data from the LATCHD register.
8 - b i t C o u n t e r
(
¸ 2 5 6 )
7 - b i t P r e s c a l e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
W D T C l o c k S o u r c e
C l e a r W D T T y p e
C o n f i g u r a t i o n O p t i o n
C L R W D T 1 F l a g
C L R W D T 2 F l a g
1 o r 2 I n s t r u c t i o n s
C L R
C L R
f S Y S / 4
W D T O s c i l l a t o r
W D T C l o c k S o u r c e
C o n f i g u r a t i o n O p t i o n
Watchdog Timer
V O I C E C R e g i s t e r
b 7
b 0
L A T C H C
V R O M C D A C
N o t i m p l e m e n t e d , r e a d a s " 0 "
D A C E n a b l e
1 : e n a b l e
0 : d i s a b l e
V o i c e R O M E n a b l e
1 : e n a b l e
0 : d i s a b l e
V o i c e R O M C o u n t e r S e l e c t
1 : A d d r e s s L a t c h 1
0 : A d d r e s s L a t c h 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
N o t i m p l e m e n t e d , r e a d a s " 0 "
VOICE Control Register
D A L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
D 3
D 2
D 1
D 0
A u d i o o u t p u t
D i g i t a l t o A n a l o g D a t a L o w R e g i s t e r
D A H R e g i s t e r
b 7
b 0
D 1 1 D 1 0 D 9
D 8
A u d i o o u t p u t
D i g i t a l t o A n a l o g D a t a H i g h R e g i s t e r
V o l u m e C o n t r o l R e g i s t e r
D 7
D 6
D 5
D 4
V O L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
D A v o l u m e c o n t r o l d a t a
V O L 2 V O L 1 V O L 0
U s e d b y P W M o u t p u t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com