| データシートサーチシステム |
|
HT95R35 データシート(PDF) 27 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT95R35 データシート(HTML) 27 Page - Holtek Semiconductor Inc |
|
27 / 73 page ![]() HT95R35 Rev. 1.00 27 October 7, 2009 Pin Master/Salve SIMEN=0 Master - SIMEN=1 Slave - SIMEN=1 CSEN=0 CSEN=1 CSEN=0 CSEN=1 SCS=0 CSEN=1 SCS=1 SCS Z ZLZ I, Z I, Z SDO Z OOOO Z SDI Z I, Z I, Z I, Z I, Z Z SCK Z H: CKPOL=0 L: CKPOL=1 H: CKPOL=0 L: CKPOL=1 I, Z I, Z Z Note: ²Z² floating, ²H² output high, ²L² output low, ²I² Input, ²O²output level, ²I,Z² input floating (no pull-high) SPI Interface Pin Status D a t a B u s S D I P i n S D O P i n S I M D R T x / R x S h i f t R e g i s t e r B u s y S t a t u s C o n f i g u r a t i o n O p t i o n T R F F l a g E n a b l e / D i s a b l e W C O L F l a g C l o c k E d g e / P o l a r i t y C o n t r o l C l o c k S o u r c e S e l e c t f S Y S f S U B T i m e r / E v e n t C o u n t e r S C K P i n S C S P i n C o n f i g u r a t i o n O p t i o n C S E N b i t E n a b l e / D i s a b l e C K E N b i t C K P O L b i t SPI Block Diagram S I M C T L 0 R e g i s t e r N o t i m p l e m e n t e d , r e a d a s ' 0 " S P I / I 2 C O n / O f c o n t r o l 1 : e n a b l e 0 : d i s a b l e P e r i p h e r a l C l o c k C o n t r o l - d e s c r i b e d e l s e w h e r e S P I / I 2 C M a s t e r / S l a v e a n d C l o c k C o n t r o l S I M 2 S I M 1 S I M 0 b 0 S I M E N m a s t e r , f S Y S / 4 m a s t e r , f S Y S / 1 6 m a s t e r , f S Y S / 6 4 m a s t e r , f S U B m a s t e r , T i m e r / E v e n t C o u n t e r 0 o u t p u t / 2 S l a v e I 2 C m o d e N o t u s e d 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 b 7 S I M 1 S I M 0 S I M 2 0 1 0 1 0 1 0 1 P C K E N P C K P S C 1 P C K P S C 0 SPI/I 2C Control Register - SIMCTL0 |