| データシートサーチシステム |
|
MPC5632MF0MLQA4 データシート(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5632MF0MLQA4 データシート(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 118 page ![]() CAN_A_TX SCI_A_TX GPIO[83] CAN_A Transmit eSCI_A Transmit GPIO PCR[83] 01 10 00 O O I/O VDDEH6a Slow - / Up - / Up24 66 81 P12 CAN_A_RX SCI_A_RX GPIO[84] CAN_A Receive eSCI_A Receive GPIO PCR[84] 01 10 00 I I I/O VDDEH6a Slow - / Up - / Up 67 82 R12 CAN_C_TX GPIO[87] CAN_C Transmit GPIO PCR[87] 01 00 O I/O VDDEH6a Medium - / Up - / Up 84 101 K13 CAN_C_RX GPIO[88] CAN_C Receive GPIO PCR[88] 01 00 I I/O VDDEH6a Slow - / Up - / Up 81 98 L14 eSCI SCI_A_TX eMIOS[13] GPIO[89] eSCI_A Transmit eMIOS Ch. GPIO PCR[89] 01 10 00 O O I/O VDDEH6a Slow - / Up - / Up 83 100 J14 SCI_A_RX eMIOS[15] GPIO[90] eSCI_A Receive eMIOS Ch. GPIO PCR[90] 01 10 00 I O I/O VDDEH6a Slow - / Up - / Up 82 99 K14 SCI_B_TX GPIO[91] eSCI_B Transmit GPIO PCR[91] 01 00 I/O I/O VDDEH6a Slow - / Up - / Up 72 87 L13 SCI_B_RX GPIO[92] eSCI_B Receive GPIO PCR[92] 01 00 I I/O VDDEH6a Slow - / Up - / Up 69 84 M13 DSPI DSPI_B_SCK DSPI_C_PCS[1] GPIO[102] DSPI_B Clock DSPI_C Periph Chip Select GPIO PCR[102] 01 10 00 I/O O I/O VDDEH6b Medium - / Up - / Up 89 106 J16 DSPI_B_SIN DSPI_C_PCS[2] GPIO[103] DSPI_B Data Input DSPI_C Periph Chip Select GPIO PCR[103] 01 10 00 I O I/O VDDEH6b Medium - / Up - / Up 95 112 G15 DSPI_B_SOUT DSPI_C_PCS[5] GPIO[104] DSPI_B Data Output DSPI_C Periph Chip Select GPIO PCR[104] 01 10 00 O O I/O VDDEH6b Medium - / Up - / Up 96 113 G13 Table 3. MPC563xM signal properties (continued) Name Function1 Pad Config. Register (PCR)2 PCR PA Field3 I/O Type Voltage4 / Pad Type Reset State5 Function / State After Reset6 Pin No. 144 LQFP 176 LQFP 208 MAPBGA Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages |