| データシートサーチシステム |
|
MPC5632MF0MMGA4 データシート(PDF) 78 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5632MF0MMGA4 データシート(HTML) 78 Page - Freescale Semiconductor, Inc |
|
78 / 118 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Electrical characteristics Freescale Semiconductor 78 3.9.1 I/O pad VRC33 current specifications The power consumption of the VRC33 supply is dependent on the usage of the pins on all I/O segments. The power consumption is the sum of all output pin VRC33 currents for all I/O segments. The output pin VRC33 current can be calculated from Table 21 based on the voltage, frequency, and load on all medium, slow, and multv_hv pins. The output pin VRC33 current can be calculated from Table 22 based on the voltage, frequency, and load on all fast pins. Use linear scaling to calculate pin currents for voltage, frequency, and load parameters that fall outside the values given in Table 21 and Table 22. MultiV (High Swing Mode) IDRV_MULTV_ HV CC D 15 50 5.25 11 TBD – CC D 30 50 5.25 10 TBD – CC D 50 50 5.25 01 TBD – CC D 300 50 5.25 00 TBD – CC D 300 200 5.25 00 TBD – MultiV (Low Swing Mode) IDRV_MULTV_ HV CC D 15 30 5.25 11 TBD – CC D 30 30 5.25 11 NA – 1 Numbers from simulations at best case process, 150 °C. 2 All loads are lumped. 3 Average current is for pad configured as output only. Table 21. I/O pad VRC33 average IDDE specifications 1 Pad Type Symbol C Period (ns) Load2 (pF) Slew Rate Select IDD33 Avg (µA) IDD33 RMS (µA) Slow IDRV_SSR_HV CC D 100 50 11 0.8 235.7 CC D 200 50 01 0.04 87.4 CC D 800 50 00 0.06 47.4 CC D 800 200 00 0.009 47 Medium IDRV_MSR_HV CC D 40 50 11 TBD TBD CC D 100 50 01 0.11 76.5 CC D 500 50 00 0.02 56.2 CC D 500 200 00 0.01 56.2 Table 20. I/O pad average IDDE specifications 1 (continued) Pad Type Symbol C Period (ns) Load2 (pF) VDDE (V) Drive/Slew Rate Select IDDE Avg (mA)3 IDDE RMS (mA) |