| データシートサーチシステム |
|
MPC5634MF0MMGA4 データシート(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634MF0MMGA4 データシート(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 118 page ![]() MDO[1]20 eTPU_A[19] GPIO[221] Nexus Msg Data Out eTPU A Ch. GPIO PCR[221] 0121 10 00 O O I/O VDDEH7 Multi-V - / - - / - 111 136 N11 MDO[2]20 eTPU_A[21] GPIO[222] Nexus Msg Data Out eTPU A Ch. GPIO PCR[222] 0121 10 00 O O I/O VDDEH7 Multi-V - / - - / - 112 137 P11 MDO[3]20 eTPU_A[25] GPIO[223] Nexus Msg Data Out eTPU A Ch. GPIO PCR[223] 0121 10 00 O O I/O VDDEH7 Multi-V - / - - / - 114 139 T7 MSEO[0]20 eTPU_A[27] GPIO[224] Nexus Msg Start/End Out eTPU A Ch. GPIO PCR[224] 0121 10 00 O O I/O VDDEH7 Multi-V - / - - / - 109 134 R10 MSEO[1]20 eTPU_A[29] GPIO[225] Nexus Msg Start/End Out eTPU A Ch. GPIO PCR[225] 0121 10 00 O O I/O VDDEH7 Multi-V - / - - / - 101 124 P9 JTAG / TEST TCK JTAG Test Clock Input — — I VDDEH7 Multi-V TCK / Down TCK / Down 105 128 C16 TDI22 eMIOS[5] GPIO[232] JTAG Test Data Input eMIOS Ch. GPIO PCR[232] 0123 10 00 I O I/O VDDEH7 Multi-V - / - - / - 107 130 E14 TDO22 eMIOS[6] GPIO[228] JTAG Test Data Output eMIOS Ch. GPIO PCR[228] 0123 10 00 O O I/O VDDEH7 Multi-V - / - - / - 100 123 F14 TMS JTAG Test Mode Select Input — — I VDDEH7 Multi-V TMS / Up TMS / Up 108 131 D14 JCOMP JTAG TAP Controller Enable — — I VDDEH7 Multi-V JCOMP / Down JCOMP / Down 98 121 F16 CAN Table 3. MPC563xM signal properties (continued) Name Function1 Pad Config. Register (PCR)2 PCR PA Field3 I/O Type Voltage4 / Pad Type Reset State5 Function / State After Reset6 Pin No. 144 LQFP 176 LQFP 208 MAPBGA Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages |