| データシートサーチシステム |
|
MPC5634MF0MMGA6 データシート(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634MF0MMGA6 データシート(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 118 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Overview Freescale Semiconductor 4 1.2 MPC5634M features • Operating Parameters — Fully static operation, 0 MHz – 80 MHz (plus 2% frequency modulation - 82 MHz) — -40 °C to 150 °C junction temperature operating range — Low power design – Less than 400 mW power dissipation (nominal) – Designed for dynamic power management of core and peripherals – Software controlled clock gating of peripherals – Low power stop mode, with all clocks stopped — Fabricated in 90 nm process — 1.2 V internal logic — Single power supply with 5.0 V −10%/+5% (4.5 V to 5.25 V) with internal regulator to provide 3.3 V and 1.2 V for the core — Input and output pins with 5.0 V −10% / +5% (4.5 V to 5.25 V) range – 35%/65% VDDE CMOS switch levels (with hysteresis) – Selectable hysteresis – Selectable slew rate control — Nexus pins powered by 3.3 V supply — Designed with EMI reduction techniques – Phase-locked loop – Frequency modulation of system clock frequency – On-chip bypass capacitance – Selectable slew rate and drive strength • High performance e200z335 core processor — 32-bit Power Architecture Book E programmer’s model — Variable Length Encoding Enhancements – Allows Power Architecture instruction set to be optionally encoded in a mixed 16 and 32-bit instructions – Results in smaller code size — Single issue, 32-bit Power Architecture Book E compliant CPU PIT (peripheral interrupt timers) 5 5 5 Task monitor timer 4 channels 4 channels 4 channels Temperature sensor Yes Yes Yes Windowing software watchdog Yes Yes Yes Packages 144 LQFP 176 LQFP 208 MAPBGA 144 LQFP 176 LQFP 208 MAPBGA 144 LQFP 1 Calibration package only 2 The 176-pin and 208-pin packages have 34 input channels; 144-pin package has 32. 3 One FlexCAN module has 64 message buffers; the other has 32 message buffers. 4 165 interrupt channels are reserved for compatibility with future devices. This device has 191 peripheral interrupt sources plus 8 software interrupts available to the user. Table 1. MPC5634M family device summary (continued) Feature MPC5634M MPC5633M MPC5632M |