| データシートサーチシステム |
|
MPC8536AVTAVL データシート(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8536AVTAVL データシート(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 128 page ![]() Pin Map MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 17 JTAG TCK Test clock AG28 I OVDD — TDI Test data in AH28 I OVDD 12 TDO Test data out AF28 O OVDD 11 TMS Test mode select AH27 I OVDD 12 TRST Test reset AH21 I OVDD 12 DFT L1_TSTCLK L1 test clock AA21 I OVDD 19 L2_TSTCLK L2 test clock AA20 I OVDD 19 LSSD_MODE LSSD Mode AC25 I OVDD 19 TEST_SEL Test select AA13 I OVDD 19 Power Management ASLEEP Asleep AG20 O OVDD 9,16,22 POWER_OK Power OK AC26 I OVDD — POWER_EN Power enable AE27 O OVDD — Power and Ground Signals OVDD General I/O supply Y18,AG2,AD4,AB16, AF6,AC18,AB13,AD10, AE14,AD16,AD25, AF27,AE22,AF11, AF20,AF24 —OVDD — PVDD — — — 3.3 V — LVDD GMAC 1 I/O supply AA7, AA4 Power for TSEC1 interfaces LVDD — TVDD GMAC 3 I/O supply V4,U7 Power for TSEC3 interfaces TVDD — GVDD SSTL2 DDR supply B1,B11,C7,C9,C14, C17,D4,D6,R3,D15,E2, E8,C24,E18,F5,E14, C21,G3,G7,G9,G11, H5,H12,E22,F15,J10, K3,K12,K14,H14,D20, E11,M1,N5 Power for DDR DRAM I/O GVDD — BVDD Local bus I/O supply L23,J18,J23,J19,F20, F23,H26,J21 Power for Local Bus BVDD — Table 1. MPC8536E Pinout Listing (continued) Signal Signal Name Package Pin Number Pin Type Power Supply Notes |