| データシートサーチシステム |
|
MPC8536CVTATH データシート(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8536CVTATH データシート(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 128 page ![]() MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2 Pin Map Freescale Semiconductor 8 Figure 6. MPC8536E Pin Map Detail D PCI1_ AD [31] GND PCI1_ AD [28] HRESET_ REQ GND GND GND GND GND PCI1_ AD [22] IRQ [3] IIC1_ SCL PCI1_ CLK TMS TDI TDO TCK PCI1_ C_BE [3] PCI1_ IRDY PCI1_ PAR PCI1_ PERR PCI1_ SERR PCI1_ STOP PCI1_ TRDY PCI1_ DEVSEL PCI1_ FRAME PCI1_ IDSEL IRQ [1] IRQ [4] IRQ [5] SD1_TX [7] HRESET SRESET RTC TRST GND AGND_ SRDS NC NC PCI1_ AD [18] PCI1_ AD [20] PCI1_ AD [17] PCI1_ AD [27] PCI1_ AD [30] PCI1_ AD [29] PCI1_ AD [26] PCI1_ AD [25] PCI1_ AD [24] PCI1_ AD [23] PCI1_ AD [21] PCI1_ AD [19] PCI1_ AD [16] PCI1_ AD [15] PCI1_ AD [14] PCI1_ AD [13] PCI1_ AD [12] PCI1_ AD [11] PCI1_ AD [10] PCI1_ AD [9] PCI1_ AD [8] PCI1_ AD [7] PCI1_ AD [6] PCI1_ AD [5] PCI1_ AD [4] PCI1_ AD [3] PCI1_ AD [2] PCI1_ AD [1] PCI1_ AD [0] PCI1_REQ [4]/GPIO [1] PCI1_REQ [3]/GPIO [0] PCI1_ REQ [1] PCI1_ REQ [0] PCI1_GNT [3]/GPIO [2] PCI1_ GNT [1] PCI1_ GNT [0] IRQ [2] IRQ [6] IRQ [7] IRQ [8] SENSE- VSS SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND SGND XGND XGND XGND XGND XGND XGND GND GND GND GND GND GND GND GND GND SENSE- VDD_ PLAT SENSE- VDD_ CORE AVDD_ SRDS AVDD_ PCI1 AVDD_ DDR AVDD_ PLAT AVDD_ CORE VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ PLAT VDD_ CORE VDD_ CORE VDD_ CORE XVDD XVDD XVDD XVDD XVDD XVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD SVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD OVDD POWER_ EN POWER_ OK ASLEEP LSSD_ MODE L2_ TSTCLK L1_ TSTCLK CLK_ OUT IIC1_ SDA IIC2_ SCL SD1_TX [6] SD1_TX [5] SD1_TX [4] SD1_TX [3] SD1_TX [7] SD1_TX [6] SD1_TX [5] SD1_TX [4] SD1_TX [3] SD1_RX [7] SD1_RX [6] SD1_RX [5] XVDD SD1_RX [4] SD1_RX [3] SD1_RX [2] SD1_RX [7] SD1_RX [6] SD1_RX [5] SD1_RX [4] SD1_RX [3] SD1_RX [2] Rsvd Rsvd SD1_ PLL_ TPD SD1_ REF_ CLK SD1_ REF_ CLK CKSTP_ IN CKSTP_ OUT TRIG_IN TRIG_ OUT/READY /QUIESCE IRQ_ OUT PCI1_ C_BE [1] PCI1_ C_BE [2] PCI1_ C_BE [0] SD1_ IMP_CAL _TX SD1_ PLL_ TPA 19 20 21 22 23 24 25 26 27 28 15 16 17 18 U T R V W Y AA AB AC AD AE AF AG AH DETAIL D IRQ [0] |