データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8544EBVTANG データシート(PDF) 89 Page - Freescale Semiconductor, Inc

部品番号 MPC8544EBVTANG
部品情報  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANG データシート(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANG Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8544EBVTANG Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8544EBVTANG Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8544EBVTANG Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8544EBVTANG Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8544EBVTANG Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8544EBVTANG Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8544EBVTANG Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8544EBVTANG Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
89
Package Description
UART_SIN[0:1]
AG7, AH6
I
OVDD
—
UART_SOUT[0:1]
AH7, AF7
O
OVDD
—
I2C interface
IIC1_SCL
AG21
I/O
OVDD
20
IIC1_SDA
AH21
I/O
OVDD
20
IIC2_SCL
AG13
I/O
OVDD
20
IIC2_SDA
AG14
I/O
OVDD
20
SerDes 1
SD1_RX[0:7]
N28, P26, R28, T26, Y26, AA28, AB26, AC28
I
XVDD
—
SD1_RX[0:7]
N27, P25, R27, T25, Y25, AA27, AB25, AC27
I
XVDD
—
SD1_TX[0:7]
M23, N21, P23, R21, U21, V23, W21, Y23
O
XVDD
—
SD1_TX[0:7]
M22, N20, P22, R20, U20, V22, W20, Y22
O
XVDD
—
SD1_PLL_TPD
V28
O
XVDD
17
SD1_REF_CLK
U28
I
XVDD
—
SD1_REF_CLK
U27
I
XVDD
—
SD1_TST_CLK
T22
—
—
SD1_TST_CLK
T23
—
—
SerDes 2
SD2_RX[0]
AD25
I
XVDD
—
SD2_RX[2]
AD1
I
XVDD
26
SD2_RX[3]
AB2
I
XVDD
26
SD2_RX[0]
AD26
I
XVDD
—
SD2_RX[2]
AC1
I
XVDD
26
SD2_RX[3]
AA2
I
XVDD
26
SD2_TX[0]
AA21
O
XVDD
—
SD2_TX[2]
AC4
O
XVDD
26
SD2_TX[3]
AA5
O
XVDD
26
SD2_TX[0]
AA20
O
XVDD
—
SD2_TX[2]
AB4
O
XVDD
26
SD2_TX[3]
Y5
O
XVDD
26
SD2_PLL_TPD
AG3
O
XVDD
17
SD2_REF_CLK
AE2
I
XVDD
—
Table 62. MPC8544E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More