| データシートサーチシステム |
|
MAC04030 データシート(PDF) 2 Page - Powerbox |
|
|
|||||||||||||||||||||||||||||
MAC04030 データシート(HTML) 2 Page - Powerbox |
|
2 / 2 page ![]() Your dependable power partner – www.powerbox.com.au 157 POWERBOX ARTICLE NUMBER INPUT VOLTAGE VDC OUTPUT VOLTAGE VDC OUTPUT CURRENT MA INPUT CURRENT NO LOAD MA INPUT CURRENT FULL LOAD MA MAC 04 003 9-18 3.3 1000 7.5 405 MAC 04 006 9-18 5 1000 7.5 545 MAC 04 009 9-18 12 470 7.5 585 MAC 04 012 9-18 15 400 7.5 625 MAC 04 015 9-18 ±5 500 12 545 MAC 04 018 9-18 ±12 230 12 575 MAC 04 021 9-18 ±15 190 12 590 MAC 04 024 18-36 3.3 1000 5 195 MAC 04 027 18-36 5 1000 5 265 MAC 04 030 18-36 12 470 5 285 MAC 04 033 18-36 15 400 5 305 MAC 04 036 18-36 ±5 500 7.5 265 MAC 04 039 18-36 ±12 230 7.5 285 MAC 04 042 18-36 ±15 190 7.5 295 MAC 04 045 36-72 3.3 1000 2 98 MAC 04 048 36-72 5 1000 2 133 MAC 04 051 36-72 12 470 2 145 MAC 04 054 36-72 15 400 2 154 MAC 04 057 36-72 ±5 500 3 265 MAC 04 060 36-72 ±12 230 3 142 MAC 04 063 36-72 ±15 190 3 147 For isolation voltage 3kV add suffix -H to the article number. Ex MAC 04 003H . PIN SINGLE OUTPUT DUAL OUTPUT 1 +V Input +V Input 2 NC -V Output 3 NC Common 9 NP NP 10 -V Output Common 11 +V Output +V Output 12 -V Input -V Input 13 -V Input -V Input 14 +V Output +V Output 15 -V Output Common 16 NP NP 17 NP NP 22 NC Common 23 NC -V Output 24 +V Input +V Input PIN SINGLE OUTPUT DUAL OUTPUT 1 NP NP 2 -V Input -V Input 3 -V Input -V Input 9 NC Common 10 NC NC 11 NC -V Output 12 NP NP 13 NP NP 14 +V Output +V Output 15 NC NC 16 -V Output Common 17 NP NP 22 +V Input +V Input 23 +V Input +V Input 24 NP NP MAC 04 Series 4-6 W A TTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL Standard Pin Connection 500VDC Pin Connection 3KVDC Selection Table |