データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V048F120T025 データシート(PDF) 1 Page - Powerbox

部品番号 V048F120T025
部品情報  300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERBOX [Powerbox]
ホームページ  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

V048F120T025 データシート(HTML) 1 Page - Powerbox

  V048F120T025 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
225
VTM Series
300W
DC/DC
VOL T AGE
TRANSFORMA TION
MODULE
PRELIMINAR Y
Features
48 Vin V•I Chip Converter.
>92% efficiency at 1.5V.
Up to 100 A / 300 W.
125°C operation.
High density – up to 365 A/in3 (1,095 W/cm3).
1 µs transient response.
Small footprint: 1.1in2 (7.1cm2).
>3.5 million hours MTBF.
Low weight – 0.5 oz (14 g).
J-lead package.
Pick & Place / SMD compatible.
Voltage Transformation Module (VTM)
PRODUCT DESCRIPTION
The V•I Chip Voltage Transformation Module (VTM) breaks records for speed, density and efficiency to meet the demands of advanced DSP, FPGA, ASIC,
processor cores and microprocessor applications at the point of load (POL) while providing isolation from input to output. It achieves a response time of less
than 1 µs and delivers up to 100 A in a volume of less than 0.25 in3 with unprecedented efficiency.
VTMs may be paralleled to deliver hundreds of Amps at an output voltages settable from 0.8 to 55 Vdc.
The V•I Chip power package has a low profile of only 0.25" (6mm) over the board. The VTM's fast dynamic response and low noise eliminate the need for
bulk capacitance at the load, substantially increasing the POL density while improving reliability and decreasing cost.
Part Numbering


同様の部品番号 - V048F120T025

メーカー部品番号データシート部品情報
logo
Vicor Corporation
V048F120T025 VICOR-V048F120T025 Datasheet
637Kb / 14P
VI Chip - PRM-AL Pre-Regulator Module
V048F120T025 VICOR-V048F120T025 Datasheet
408Kb / 14P
VI Chip - PRM-AL Pre-Regulator Module
V048F120T025 VICOR-V048F120T025 Datasheet
477Kb / 15P
V, I ChipTM-VTM Voltage Transformation Module
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
570Kb / 2P
PRM Regulator and VTM Current Multiplier
More results

同様の説明 - V048F120T025

メーカー部品番号データシート部品情報
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
300W DC-DC CONVERTER
Jun-1994
logo
DENSEI-LAMBDA
PH600S280 LAMBDA-PH600S280 Datasheet
84Kb / 2P
Single output 300W ~ 600W DC-DC power module?
logo
Vicor Corporation
VIV0101THJ VICOR-VIV0101THJ Datasheet
1Mb / 16P
DC to DC Voltage Transformation
VIV0102THJ VICOR-VIV0102THJ Datasheet
1Mb / 16P
DC to DC Voltage Transformation
VIV0103THJ VICOR-VIV0103THJ Datasheet
1Mb / 16P
DC to DC Voltage Transformation
VIV0104THJ VICOR-VIV0104THJ Datasheet
1Mb / 16P
DC to DC Voltage Transformation
VIV0105THJ VICOR-VIV0105THJ Datasheet
1Mb / 16P
DC to DC Voltage Transformation
logo
Powerbox
B048F120T30 POWERBOX-B048F120T30 Datasheet
1Mb / 1P
210 - 300W DC/DC BUS CONVERTER MODULE
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
300W DC-DC Converter
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
300W DC/DC
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com