| データシートサーチシステム |
|
EM48AM3284LBA-6FS データシート(PDF) 21 Page - Eorex Corporation |
|
|
|||||||||||||||||||||||||||||
EM48AM3284LBA-6FS データシート(HTML) 21 Page - Eorex Corporation |
|
21 / 22 page ![]() eorex EM48AM3284LBA Jan. 2009 www.eorex.com 21/22 5. Command Truth Table for CKE CKE Current State n-1 n /CS /R /C /W Addr. Action H X X X X X X INVALID, CLK(n-1) would exit self refresh L H H X X X X Self refresh recovery L H L H H X X Self refresh recovery L H L H L X X ILLEGAL L H L L X X X ILLEGAL Self Refresh L L X X X X X Maintain self refresh H H H X X X X Idle after tRC H H L H H X X Idle after tRC H H L H L X X ILLEGAL H H L L X X X ILLEGAL H L H X X X X ILLEGAL H L L H H X X ILLEGAL H L L H L X X ILLEGAL Self Refresh Recovery H L L L X X X ILLEGAL H X X X X X X INVALID, CLK(n-1) would exit power down L H X X X X X Exit power down → Idle Power Down L L X X X X X Maintain power down mode H H H X X X H H L H X X H H L L H X Refer to operations in Operative Command Table H H L L L H X Refresh H H L L L L Op-Code H L H X X X H L L H X X H L L L H X Refer to operations in Operative Command Table H L L L L H X Self refresh (Note 17) H L L L L L Op-Code Refer to operations in Operative Command Table Both Banks Idle L X X X X X X Power down (Note 17) H X X X X X X Refer to operations in Operative Command Table Row Active L X X X X X X Power down (Note 17) H H X X X X Refer to operations in Operative Command Table H L X X X X X Begin clock suspend next cycle (Note 18) L H X X X X X Exit clock suspend next cycle Any State Other than Listed above L L X X X X X Maintain clock suspend Remark: H = High level, L = Low level, X = High or Low level (Don't care) Notes 17: Self refresh can be entered only from the both banks idle state. Power down can be entered only from both banks idle or row active state. Notes 18: Must be legal command as defined in Operative Command Table |