データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B81192 データシート(PDF) 10 Page - EPCOS

部品番号 B81192
部品情報  Film Capacitors EMI Suppression Capacitors (MKP)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B81192 データシート(HTML) 10 Page - EPCOS

Back Button B81192 Datasheet HTML 6Page - EPCOS B81192 Datasheet HTML 7Page - EPCOS B81192 Datasheet HTML 8Page - EPCOS B81192 Datasheet HTML 9Page - EPCOS B81192 Datasheet HTML 10Page - EPCOS B81192 Datasheet HTML 11Page - EPCOS B81192 Datasheet HTML 12Page - EPCOS B81192 Datasheet HTML 13Page - EPCOS B81192 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
3
Embedding of capacitors in finished assemblies
In many applications, finished circuit assemblies are embedded in plastic resins. In this case,
both chemical and thermal influences of the embedding ("potting") and curing processes must be
taken into account.
Our experience has shown that the following potting materials can be recommended: non-flexible
epoxy resins with acid-anhydride hardeners; chemically inert, non-conducting fillers; maximum
curing temperature of 100
°C.
Caution:
Consult us first if you wish to embed uncoated types!
B81192
X3 / 250 V AC
Page 10 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16