データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTL2R3KY データシート(PDF) 3 Page - Lite-On Technology Corporation

部品番号 LTL2R3KY
部品情報  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITEON [Lite-On Technology Corporation]
ホームページ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2R3KY データシート(HTML) 3 Page - Lite-On Technology Corporation

  LTL2R3KY Datasheet HTML 1Page - Lite-On Technology Corporation LTL2R3KY Datasheet HTML 2Page - Lite-On Technology Corporation LTL2R3KY Datasheet HTML 3Page - Lite-On Technology Corporation LTL2R3KY Datasheet HTML 4Page - Lite-On Technology Corporation LTL2R3KY Datasheet HTML 5Page - Lite-On Technology Corporation LTL2R3KY Datasheet HTML 6Page - Lite-On Technology Corporation LTL2R3KY Datasheet HTML 7Page - Lite-On Technology Corporation LTL2R3KY Datasheet HTML 8Page - Lite-On Technology Corporation LTL2R3KY Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r operty of Lite-On Only
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
140
380
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
50
deg
Note 2 (Fig.5)
Peak Emission Wavelength
λP
595
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
592
nm
Note 4
Spectral Line Half-Width
Δλ
15
nm
Forward Voltage
VF
2.05
2.5
V
IF = 20mA
Reverse Current
IR
100
μA
VR = 5V
Capacitance
C
40
pF
VF = 0 , f = 1MHz
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
Part
No. : LTL2R3KY
Page :
3
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com