| データシートサーチシステム |
|
ST7033 データシート(PDF) 17 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7033 データシート(HTML) 17 Page - Sitronix Technology Co., Ltd. |
|
17 / 39 page ![]() ST7033 Ver 1.1 17/39 2009/07/17 9-1. INSTRUCTION TABLE CODE COMMAND A0 D7 D6 D5 D4 D3 D2 D1 D0 DESCRIPTION Display data write 1 D7 D6 D5 D4 D3 D2 D1 D0 Write data to RAM Display ON/OFF 0 1 0 1 0 1 1 1 0 1 LCD display 0:OFF,1:ON Display normal/reverse 0 1 0 1 0 0 1 1 0 1 LCD display 0:normal;1:reverse Display all points ON/OFF 0 1 0 1 0 0 1 0 0 1 LCD display 0:normal;1:all points ON Page address set 0 1 0 1 1 0 0 0 0 Set the DDRAM page address Column address set Upper 3-bit address 0 0 0 0 1 * X6 X5 X4 Column address set Lower 4-bit address 0 0 0 0 0 X3 X2 X1 X0 Set the DDRAM column address Segment driver direction select 0 1 0 1 0 0 0 0 MX Sets the correspondence between the DDRAM column address and the SEG driver output Common driver direction select 0 1 1 0 0 MY * * * Sets the correspondence between the DDRAM line address and the COM driver output Power control set 0 0 0 1 0 1 VB VR VF Set the on-chip power supply circuit operation mode Power save mode - - - - - - - - - Compound command of Display OFF and Display-all-points-ON Reset 0 1 1 1 0 0 0 1 0 Software reset NOP 0 1 1 1 0 0 0 1 1 No operation Enter mode set 0 1 1 1 1 0 0 0 1 Enter mode set Duty mode set 0 1 0 1 0 1 1 0 0 Set 1/4 duty Finish mode set 0 1 1 1 1 0 0 0 0 Finish mode set Notes: “*” = Disabled bit |