| データシートサーチシステム |
|
ST7093 データシート(PDF) 17 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7093 データシート(HTML) 17 Page - Sitronix Technology Co., Ltd. |
|
17 / 43 page ![]() ST7093 Ver 2.1 17/43 2003/09/23 Instruction Code Instruction RS RW DB 7 DB 6 DB 5 DB 4 DB 3 DB 2 DB 1 DB 0 Description Execution Time Line shift mode 0 0 0 0 0 1 1 0 LS2 LS1 (LS2,LS1) = (0,0) : DDRAM line 1 on top (0,1) : DDRAM line 2 on top (1,0) : DDRAM line 3 on top (1,1) : DDRAM line 4 on top 80us Bias control 0 0 0 0 0 1 1 1 x BS BS=0 : 1/5 bias(default) BS=1 : 1/4 bias 80us Power control 0 0 0 0 1 0 0 VC VR VF VC=0 : voltage booster off(default) =1 : voltage booster on VR=0 : voltage regulator off(default) =1 : voltage regulator on VF =0 : voltage follower off(default) =1 : voltage follower on 80us ICONRAM address 0 0 0 1 0 AC 4 AC 3 AC 2 AC 1 AC 0 Set ICONRAM address in address counter EV addr : 10H 80us CGRAM/ DDRAM address 0 0 1 AC 6 AC 5 AC 4 AC 3 AC 2 AC 1 AC 0 Set CGRAM/DDRAM address DDRAM : 00H ~ 3FH CGRAM : 40H ~ 7FH 80us Write data to RAM 1 0 D7 D6 D5 D4 D3 D2 D1 D0 Write data into internal RAM (DDRAM/CGRAM) 80us Read data from RAM 1 1 D7 D6 D5 D4 D3 D2 D1 D0 Read data from internal RAM (DDRAM/CGRAM) 80us Note: 1. “x” Don’t care 2. Make sure to use enough delay time(100us) between instruction |