| データシートサーチシステム |
|
ST7522 データシート(PDF) 21 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7522 データシート(HTML) 21 Page - Sitronix Technology Co., Ltd. |
|
21 / 45 page ![]() ST7522 Ver 1.0c 21/45 2002/07/10 Set Column Address This command specifies a column address of the display data RAM. When the display data RAM is accessed by the MPU continuously, the column address is incremented by I each time it is accessed from the set address. Therefore, the MPU can access to data continuously. The column address stops to be incremented at address 95, and the page address is not changed continuously. A0 RD ― WR ― D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 0 0 0 0 A3 A2 A1 A0 A0 RD ― WR ― D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 0 0 0 1 A7 A6 A5 A4 This command loads the column address register. A7 A6 A5 A4 A3 A2 A1 A0 Column Address 0 0 0 0 0 0 0 0 0(default) 0 0 0 0 0 0 0 1 1 . . . . . . . . 0 1 0 1 1 1 1 1 95 Read Status A0 RD ― WR ― D7 D6 D5 D4 D3 D2 D1 D0 0 0 1 0 ADC ON/OFF RESET 0 0 0 0 Reading the command I/O register (A0=0) yields system status information. The ADC bit indicates the way column addresses are assigned to segment drivers. ADC=1 : Normal. Column address n = segment driver n. ADC=0: Inverted. Column address 95-n = segment driver n. The ON/OFF bit indicates the current status of the display. It is the inverse of the polarity of the display ON/OFF command. ON/OFF=1: Display OFF ON/OFF=0: Display ON The RESET bit indicates whether the driver is executing a hardware or software reset or if it is in normal operating mode, RESET=1: Currently executing reset command. RESET=0: Normal operation Low column set High column set |