| データシートサーチシステム |
|
ST7528 データシート(PDF) 43 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7528 データシート(HTML) 43 Page - Sitronix Technology Co., Ltd. |
|
43 / 97 page ![]() ST7528 Ver2.3 43/97 2007/1/3 Bias Power Save circuit: When we set the Instruction of Bias Power Save, the bias also could be working, and the IC current consumption will be lower about 100uA to 200uA (according to the panel loading) Follower voltage reference circuit (Internal Booster & Regulator) VSS2 VOUT VSS V0 V1 V2 V3 V4 C1 C2 C2 C2 C2 VSS VSS VSS2 VOUT V0 VR VSS V0 V1 V2 V3 V4 C1 C2 C2 C2 C2 VSS VSS Rb Ra INTR INTR VSS VDD Left is using internal Resister Right is using External Resister C1= 1u F ~ 4.7u F, C2 = 0.1u F ~ 1u F (suggestion value: C1=1uF, C2=0.1uF) Follower voltage reference circuit (External Vout & Internal Regulator) VOUT VSS V0 V1 V2 V3 V4 C2 C2 C2 C2 VSS VOUT V0 VR VSS V0 V1 V2 V3 V4 C2 C2 C2 C2 VSS Rb Ra INTR INTR VSS VDD External External Left is using internal Resister Right is using External Resister C1= 1u F ~ 4.7u F, C2 = 0.1u F ~ 1u F (suggestion value: C1=1uF , C2=0.1uF) |