| データシートサーチシステム |
|
ST7571 データシート(PDF) 21 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7571 データシート(HTML) 21 Page - Sitronix Technology Co., Ltd. |
|
21 / 76 page ![]() ST7571 Ver 1.5a 21/76 2009/7/21 Data Transfer ST7571 uses bus holder and internal data bus for data transfer by the MPU. When writing data from the MPU to on-chip RAM, data is automatically transferred from the bus holder to the RAM as shown in Fig. 10 and Fig. 11. Fig. 10 External Timing from MPU Fig. 11 Internal Timing of IC |