| データシートサーチシステム |
|
ST7576 データシート(PDF) 30 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7576 データシート(HTML) 30 Page - Sitronix Technology Co., Ltd. |
|
30 / 54 page ![]() ST7576 Ver 1.0 30/54 2007/01/29 8. INSTRUCTION TABLE COMMAND BYTE INSTRUCTION A0 WR (R/W) D7 D6 D5 D4 D3 D2 D1 D0 DESCRIPTION H=0 or 1 NOP 0 0 0 0 0 0 0 0 0 0 No operation Function set 0 0 0 0 1 0 0 PD V H Power-down; entry mode; Partial screen mode 0 0 0 0 1 0 1 X X PS Partial screen enable Display part 0 0 0 0 1 1 1 DP2 DP1 DP0 Set display part for partial screen mode Write data 1 0 D7 D6 D5 D4 D3 D2 D1 D0 Write data to RAM COMMAND BYTE INSTRUCTION A0 WR (R/W) D7 D6 D5 D4 D3 D2 D1 D0 DESCRIPTION H=0 Set VLCD range 0 0 0 0 0 1 0 0 0 PRS VLCD range L/H select Display control 0 0 0 0 0 0 1 D 0 E Sets display configuration Set Y address of RAM 0 0 0 1 0 0 Y3 Y2 Y1 Y0 Sets Y address of RAM 0≦Y≦9 Set X address of RAM 0 0 1 X6 X5 X4 X3 X2 X1 X0 Sets X address of RAM 0≦X≦101 H=1 Reserved 0 0 0 0 0 0 0 0 0 X Do not use Reserved 0 0 0 0 0 0 0 0 1 X Do not use Bias system 0 0 0 0 0 1 0 BS2 BS1 BS0 Sets bias system (BSx) Reserved 0 0 0 1 X X X X X X Do not use(reserved for test) Set VOP 0 0 1 VOP6 VOP5 VOP4 VOP3 VOP2 VOP1 VOP0 Write VOP to register |