| データシートサーチシステム |
|
ST7624 データシート(PDF) 43 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7624 データシート(HTML) 43 Page - Sitronix Technology Co., Ltd. |
|
43 / 98 page ![]() ST7624 Ver 1.8 43/98 2006/08/15 (8)Sleep in (SPLIN) Command: 1; Parameter: None (95H) A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0 Command 0 1 0 1 0 0 1 0 1 0 1 (9)Sleep out (SLPOUT) Command: 1;Parameter: None (94H) A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0 Command 0 1 0 1 0 0 1 0 1 0 0 (10)Page address set (PASET) Command: 1; Parameter: 2 (75H) When MPU makes access to the display data RAM, this command and succeeding parameters are used to specify the page address area. As the addresses are incremented from the start to the end page in the page-direction scan, the column address is incremented by 1 and the page address is returned to the start page. Note that the start and end page must be specified as a pair. Also, the relation “start page <end page” must be maintained. A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0 Function Command 0 1 0 0 1 1 1 0 1 0 1 - Parameter1(P1) 1 1 0 0 P16 P15 P14 P13 P12 P11 P10 Start page Parameter2(P2) 1 1 0 0 P26 P25 P24 P23 P22 P21 P20 End page (11)Column address set (CASET) Command: 1; Parameter: 2 (15H) When MPU makes access to the display data RAM, this command and succeeding parameters are used to specify the column address area. As the addresses are incremented from the start to the end column in the column-direction scan, the page address is incremented by 1 and the column address is returned to the start column. Note that the start and end page must be specified as a pair. Also, the relation “start column <end column” must be maintained. A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0 Function Command 0 1 0 0 0 0 1 0 1 0 1 - Parameter1(P1) 1 1 0 0 P16 P15 P14 P13 P12 P11 P10 Start address Parameter2(P2) 1 1 0 0 P26 P25 P24 P23 P22 P21 P20 End address (12)Data control (DATCTL) Command: 1;Parameter: 3 (BCH) This command and succeeding parameters are used to perform various setups needed when MPU operates display data stored on the built-in RAM. A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0 Function Command 0 1 0 1 0 1 1 1 1 0 0 - Parameter1(P1) 1 1 0 * * * * * P12 P11 P10 Normal/reverse display of page address and page-address scan direction. Parameter2(P2) 1 1 0 * * * * * * * P20 RGB arrangement Parameter3(P3) 1 1 0 * * * * * P32 P31 P30 Gray-scale setup |