| データシートサーチシステム |
|
ST7712 データシート(PDF) 21 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7712 データシート(HTML) 21 Page - Sitronix Technology Co., Ltd. |
|
21 / 113 page ![]() ST7712 Ver 2.3 21/113 2007/07/19 In order to avoid data transfer error due to incoming noise, it is recommended to set XCS at HIGH on byte basis to initialize the serial-to-parallel conversion counter and the register. When executing the command RAMWR, set XCS to HIGH after writing the last address (after starting the 9 th pulse in case of 9-bit serial input or after starting the 8 th pulse in case of 8-bit serial input). |