| データシートサーチシステム |
|
ST8012 データシート(PDF) 30 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST8012 データシート(HTML) 30 Page - Sitronix Technology Co., Ltd. |
|
30 / 47 page ![]() ST8012 V1.6 30/47 2004/09/08 electronic volume register has been set. D7 D6 D5 D4 D3 D2 D1 D0 |VSS| 1 1 0 0 0 0 0 0 1 1 0 0 0 0 1 0 1 1 0 0 0 0 1 1 ↓ 1 1 1 1 1 1 1 0 1 1 1 1 1 1 1 1 Small ↓ Large Booster Frequency Set By using this command to set three bits of data to the booster frequency, the liquid crystal drive Booster Frequency assumes one of the 8 frequencies. When this command is input, the booster frequency register has been set. D7 D6 D5 D4 D3 D2 D1 D0 Booster Frequency 0 1 1 0 X 0 0 0 0 1 1 0 X 0 0 1 0 1 1 0 X 0 1 0 0 1 1 0 X 0 1 1 0 1 1 0 X 1 0 0 0 1 1 0 X 1 0 1 0 1 1 0 X 1 1 0 0 1 1 0 X 1 1 1 Small Large The default value of ST8012 When select common mode or common/segment mode the Bias、Contrast control、Ra/Rb Ratio and Booster Frequency all have the default value, if user don’t not used programmable to setting the status can used the default value. SEL 3, 2, 1 DUTY BIAS Contrast control Ra/Rb Ratio Booster Frequency 0, 0, 0 --- Segment mode --- --- --- 0, 0, 1 1/32 1/6 32 4 5k 0, 1, 0 1/48 1/7 32 4 5k 0, 1, 1 1/64 1/9 32 4 5k 1, 0, 0 1/80 1/9 32 4 5k 1, 0, 1 1/96 1/10 32 4 5k 1, 1, 0 1/112 1/11 32 4 5k 1, 1, 1 1/120 1/11 32 4 5k |