データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N4374B データシート(PDF) 10 Page - Agilent(Hewlett-Packard)

部品番号 N4374B
部品情報  4.5 GHz Single-Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4374B データシート(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button N4374B Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 9Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 10Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 11Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 12Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 13Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Specifications for opto-electrical measurements at 1310 nm
N4374B system with network analyzer
E5071C -245
Specifications are valid under the stated measurement conditions.
With external optical source input all specifications are typical [f2][f6][f7]
For wavelength:
(1310 ±20) nm
(option -100, 102)
System performance
10 MHz to 50 GHz
50 MHz to 0.7 GHz
0.7 GHz to 4.5 GHz
Relative frequency
response
uncertainty[f2]
DUT response
≥ -36 dB(A/W) [f1]
±0.5 dBe typ.
±0.7 dBe
(±0.5 dBe [f8] )
±0.8 dBe
(±0.6 dBe [f8] )
≥ -46 dB(A/W)
±0.5 dBe typ.
±0.5 dBe typ.
±0.6 dBe typ.
Absolute frequency
response uncertainty
DUT response
≥ -36 dB(A/W) [f1]
±1.2 dBe typ
±1.8 dBe
(±1.2 dBe [f8] )
±1.8 dBe
(±1.2 dBe [f8] )
Frequency response
repeatability (typ.) [f2]
DUT response
≥ -46 dB(A/W) [f1]
±0.02 dBe
±0.02 dBe
±0.03 dBe
Minimum measurable frequency
response (noise floor ) [f2] [f3] [f5]
-83 dB(A/W) typ.
-92 dB(A/W)
-92 dB(A/W)
Phase uncertainty
(typ.) [f2][f4]
DUT response
≥ -36 dB(A/W) [f1]
-
±1.0°
±1.0°
Group delay uncertainty
Derived from phase uncertainty, see section
“Group delay uncertainty”.
Example: ±1.0° → ±8 ps (0.5 GHz aperture)
[f1]
For DUT response max. +10 dB (A/W).
[f2]
For +4 dBm average output power from LCA optical output
[f3]
IFBW = 100 Hz.
[f4]
Except phase wrap aliasing (example: a DUT group delay of 5 ns (1 m cable length) requires a frequency step size of ≤0.2 GHz to avoid phase wraps). Excluding a
constant group delay offset of <±0.3 ns typ. (cable length uncertainty <±0.06 m). A constant group delay offset leads to a phase offset ∆φ = 360° × ∆GD × fmod.(in deg).
[f5]
Average value over frequency range.
[f6]
After CW responsivity and user calibration with external source.
[f7]
Requires option -100 or -102.
[f8]
Typical with internal source.
(O/E mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com