| データシートサーチシステム |
|
SCCO2A150D1B データシート(PDF) 1 Page - SAMWHA ELECTRIC |
|
|
|||||||||||||||||||||||||||||
SCCO2A150D1B データシート(HTML) 1 Page - SAMWHA ELECTRIC |
|
1 / 3 page ![]() Surface Mount Disc Capacitors 135 SAMWHA CAPACITOR Co., Ltd. 134 Introduction Samwha's high voltage ceramic capacitors offer superior performance and reliability. SMDC is the resin molded SMD type that surface mounting is available. SMDC exhibits high reliability through use of disc capacitor element. Competitive lower maintenance cost is guaranteed. Wide rated voltage ranges from 1kV to 6kV, through a disc element which withstand high voltage and outcurve terminals. Design flexibility ensures down sizing and higher resistance to outer impact. Surface Mount Disc Capacitors Rated Capacitance LW H E A B KL1 L2 Terminal Developm Voltage (pF) ±0.5 ±0.3 ±0.2 ±0.2 ±0.1 ±0.3 Min. Form ent/Mass 3kV 5 ~ 33 5.7 4.5 2.3 2.5 1.7 3.1 - - - Style 1 Development 5 ~ 33 5.7 4.5 2.3 2.5 1.7 3.1 - - - Style 1 Development 4kV 39 ~ 47 7.1 6.3 2.4 2.5 2.0 3.7 - - - Style 1 Development 18 ~ 27 5.5 4.5 2.3 2.5 1.7 3.1 0.5 9.4 6.7 Style 2 Mass 39 ~ 47 7.1 6.3 2.4 2.5 2.0 3.7 0.5 10.8 7.9 Style 2 Development 5kV 5 ~ 15 5.5 4.5 2.3 2.5 1.7 3.1 0.5 9.4 6.7 Style 2 Mass 18 ~ 27 7.1 6.3 2.4 2.5 2.0 3.7 0.5 10.8 7.9 Style 2 Development 6kV 5 ~ 15 7.1 6.3 2.4 2.5 2.0 3.7 0.5 10.8 7.9 Style 2 Development Shape & Dimensions (Unit : mm) Inside Terminal (Style 1) (Development Product) Outside Terminal (Style 2) (Mass Product) Surface Mount Disc Capacitors SCC O 3H 150 J 2 E 00 How to Order(Product Identification) Style Capacitance temperature characteristic Mark Product Name Mark Product Name SCC Temperature Compensating Type SSD AC250/400V(Testing Voltage:AC4000V) SCK High Dielectric Type SSC AC250(Testing Voltage:AC2500V) SCG Semiconductor Type SCC Type (PPM/℃) SCK, SCG, SSC, SSD Type C NPO(0) T N470(-470) B Y5P(+10~-10%) L N80(-80) U N750(-750) R Y5R(+15~-15%) P N150(-150) O SL(+350~-1000) E Y5U(+22~-56%) R N220(-220) F Y5V(+22~-82%) S N330(-330) Cap. Tolerance Mark Cap. Tolerance Mark Cap. Tolerance Mark Cap. Tolerance C ±0.25pF J ±5% P +100%, -0% D ±0.5pF K ±10% Z +80%, -20% F ±1.0pF M ±20% Rating Voltage Capacitance 1A 10V 1B 12.5V 1C 16V 1E 25V 1H 50V 2A 100V 2B 125V 2E 250V 2G 400V 2H 500V 3A 1kV 3B 1.25kV 3D 2kV 3F 3.15kV 3G 4kV 3H 5kV 3J 6.3kV 4A 10kV 4B 4C 16kV (in picofarads) The first two digits indicate significant digits. The 3rd digit indicate the number of zero following. R denotes decimal. Ex.) 0.5pF : 0R5, 10pF : 100, 100pF : 101 Style Mark Terminal Form 1 Inside Terminal 2 Outside Terminal Packing Style Mark Packaging Style B Bulk E Embossed Carrier Taping Spare Code |
同様の部品番号 - SCCO2A150D1B |
|
同様の説明 - SCCO2A150D1B |