データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JRW017A0B1Z データシート(PDF) 10 Page - Lineage Power Corporation

部品番号 JRW017A0B1Z
部品情報  36-75Vdc Input; 1.2Vdc to 12Vdc Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JRW017A0B1Z データシート(HTML) 10 Page - Lineage Power Corporation

Back Button JRW017A0B1Z Datasheet HTML 6Page - Lineage Power Corporation JRW017A0B1Z Datasheet HTML 7Page - Lineage Power Corporation JRW017A0B1Z Datasheet HTML 8Page - Lineage Power Corporation JRW017A0B1Z Datasheet HTML 9Page - Lineage Power Corporation JRW017A0B1Z Datasheet HTML 10Page - Lineage Power Corporation JRW017A0B1Z Datasheet HTML 11Page - Lineage Power Corporation JRW017A0B1Z Datasheet HTML 12Page - Lineage Power Corporation JRW017A0B1Z Datasheet HTML 13Page - Lineage Power Corporation JRW017A0B1Z Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
July 21, 2008
JRW017-070 Series Power Modules DC-DC Converters
36-75Vdc Input; 1.2Vdc to 12Vdc Output
LINEAGE POWER
10
Characteristic Curves (continued)
The following figures provide typical characteristics for the JRW065A0Y (1.8V, 65A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
25
35
45
55
65
75
Io = 0 A
Io = 32.5 A
Io = 65 A
INPUT VOLTAGE, VIN (V)
TIME, t (1ms/div)
Figure 25. Typical Start-Up (Input Current)
characteristics at room temperature.
Figure 28. Typical Start-Up Characteristics from
Remote ON/OFF.
70
72
74
76
78
80
82
84
86
88
90
010
20
30
40
50
60
70
Vi = 36 V
Vi = 48 V
Vi = 75 V
OUTPUT CURRENT, Io (A)
TIME, t (200
μs/div)
Figure 26. Converter Efficiency Vs Load at Room
temperature.
Figure 29. Transient Response to Dynamic Load
Change from 50% to 25% of full load current.
TIME, t (1
μs/div)
TIME, t (200
μs/div)
Figure 27. Typical Output Ripple and Noise at Room
temperature and
Io = Io,max.
Figure 30. Transient Response to Dynamic Load
Change from 25% to 50 % of full load current.
75 Vin
48 Vin
36 Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com