| データシートサーチシステム |
|
SB08054R7ML データシート(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SB08054R7ML データシート(HTML) 6 Page - ABC Taiwan Electronics Corp |
|
6 / 7 page ![]() ____ ____ EIW-2 Polyesterimide MW74-C 200 Modified Polyester Modified Polyester Modified Polyester Modified Polyester Modified Polyester For use only in equip ment where the acceptability of the combination is determined by Underwriters Laboratories Inc. fies base coated magnet wire twisted together and covered with top coat o verall. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- @-May be suffixed by LZ; # - May be suffixed b y LZ, EL or LZI. See General Information Preceding These Recognitions AR-001A 287806002 Recognized Component Mark. Marking: Company name or trademarks 287806002 UEW-1 UEY-2 UEW-4 UEW-2 UEY SFFY Dsg Mtl ____ ____ ____ ____ ____ Dsg ____ Mark SF.EILOCKBS SF.EILOCKY# SF.BLOCKBS SF.FLY@ FL.EILOCKY SF.BY@ SF.BW@ SFFW PEW SF.FLW SF.EIW PEY LSFFW LSUEW ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ September 8 , 2000 OBMW2⁄E174837 , material designation or marked designation on packaed or reel, and Page 2 of 2 榮星電線 or committed to quality service dedicated to public safety and A not-for-profit organization Polyamide Polyamide Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane BC Coat Typ Page 1 of 2 ____ ____ MW2-C ___ Nylon ____ MW28-C MW28-C MW75C OC Type ANSI MW80C Modified Polyester Polyurethane Polyesterimide Polyesterimide Polyester Polyester Polyesterimide Polyesterimide Polyurethane Polyurethane Nylon MW27-C Modified Polyamide ____ Polyamide Polyamide Modified Nylon ___ MW26C MW79 MW27-C ___ ___ ____ Nylon ____ ____ Polyamide ____ ____ MW26C MW77C MW24-C ___ MW79-C ___ ___ 105 130 130 130 130 155 Class Temp 155 180 155 155 180 155 155 155 155 180 155 155 130 155 Polyamideimide 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN JUNG SHING WIRE CO LTD SMD POWER INDUCTOR SPECIFICATION FOR APPROVAL PROD. NAME Ⅸ﹒UL CARD: Magnet Wire-Component HSIEN TAIWAN EILOCKW EILOCKY CFUEWB Mtl Dsg EIAIW EIW AIW Mark Dsg ____ ____ ____ ____ ____ ____ OBMW2 REF : SB0805□□□□L□-□□□ Polyamideimide BC Coat Typ Polyesterimide Polyesterimide Polyurethane Polyesterimide Polyesterimide ANSI Type OC Polyamide Modified Epoxy ____ ____ ____ MW35C ___ ___ ___ MW81-C MW75C September 8, 2000 ABC'S DWG NO. ABC'S ITEM NO. Temp Class 200 180 220 200 220 130 E174837 PAGE: 6 |