| データシートサーチシステム |
|
RH09124R7ML データシート(PDF) 3 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
RH09124R7ML データシート(HTML) 3 Page - ABC Taiwan Electronics Corp |
|
3 / 6 page ![]() 0.728 ±0.040 ±0.80 18.50 H1 Feed hole to bottom of component 18.00 4.00 15.00 9.00 1.42 6.35 3.85 12.70 30.30 AR-001A Overall taped package thinkness Center of component location Feed hold to overall component height Adhesive tape position Tape wide Adhesive tape width Feed hole location Lead location Feed hole pitch W3 W2 P2 W1 W0 T P P1 H2 ±0.040 ±0.012 ±0.051 max. ±0.020 ±0.028 max. ±0.020 ±0.020 ±0.50 max. 0.709 0.157 ±1.30 ±0.50 ±0.50 max. ±0.30 ±0.70 ±1.00 0.250 0.598 0.354 0.056 0.500 0.152 1.083 ABC'S DWG NO. SPECIFICATION FOR APPROVAL ABC'S ITEM NO. 2.00 5.00 4.00 P2 Item Front-to-rear deelectton Component lead pitch Tape feed hole diameter D h △ F Symbol D P F P1 RADIAL INDUCTOR TYPED PACKAGE DIMENSIONS: NAME PROD. REF : W2 ±0.020 max. ±0.008 Tolerance Specification ±0.20 max. ±0.50 Tolerance Milimeter Size 0.157 0.079 0.200 Size Inch T W1 W3 PAGE: 3 △h RH0912□□□□L□-□□□ |