| データシートサーチシステム |
|
RB1010121 データシート(PDF) 4 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
RB1010121 データシート(HTML) 4 Page - ABC Taiwan Electronics Corp |
|
4 / 4 page ![]() EIAIW AIW EILOCKY CFUEWB JUNG SHING WIRE CO LTD Magnet Wire-Component EIW EIW-2 PEY LSUEW PEW LSFFW FL.EILOCKY SF.EIW SF.BLOCKBS SF.EILOCKBS SF.EILOCKY# SF.FLY@ SF.BY@ SF.FLW EILOCKW OBMW2 REF : 20081211-A Ⅶ﹒UL CARD: SFFW 287806002 SF.BW@ SFFY UEW-1 UEY UEY-2 UEW-2 UEW-4 287806002 Recognize d Component Mark. fies base coa ted ma gnet wire twisted together and covered with top coat overall. AR-001A PROD. NAME 130 ___ ____ ____ Polyurethane ____ ____ Page 2 of 2 For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. LZ - Signifie s ma gned wires twisted together; EL - signifies base coa ted magnet wire laid parallel with top coat applied overall; LZL - signi- , material designation or marked designation on packaed or reel, and See General Information Preceding These Recognitions Marking: Company name or trademarks @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. ____ ____ or 榮星電線 Polyurethane Polyurethane Polyurethane September 8 , 2000 MW75C MW28-C MW28-C Polyamide Nylon OBMW2⁄E174837 130 130 130 RB1010□□□□L□-□□□ Class Type OC ____ BC Dsg ____ Dsg Page 1 of 2 Coat Typ ____ Modified Polyester Mtl Dsg Mark ____ ____ Dsg ____ ____ ____ ____ Polyurethane Polyurethane BC Polyesterimide Polyesterimide Modified Polyester Polyurethane Modified Polyester ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Modified Polyester Polyesterimide Polyurethane Modified Polyester Modified Polyester Polyesterimide Polyesterimide Polyurethane Polyester Polyester Polyamideimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyurethane 155 ___ MW27-C Nylon MW80C ____ Polyamide OC Modified Polyamide Polyamide Modified ____ Polyamide A n ot-for-p rofit organization d edicated to public safety and committed to qual ity service ANSI MW2-C Type Temp 105 155 Class MW79 MW26C ___ ___ 180 155 155 180 155 MW81-C MW24-C MW79-C MW74-C MW27-C Polyamide Nylon ____ ____ ____ ____ Nylon ____ Polyamide ____ Polyamideimide ____ ____ Epoxy Modified 200 155 ___ MW77C MW26C ___ ___ 155 180 155 155 155 130 155 ___ ___ MW35C MW75C ___ 180 220 200 130 200 220 ABC'S DWG NO. ABC'S ITEM NO. SPECIFICATION FOR APPROVAL Coat Typ 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN September 8, 2000 HSIEN TAIWAN Mtl Mark RADIAL INDUCTOR E174837 ANSI Temp PAGE: 4 |