データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5KP48 データシート(PDF) 4 Page - Transys Electronics

部品番号 5KP48
部品情報  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRSYS [Transys Electronics]
ホームページ  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

5KP48 データシート(HTML) 4 Page - Transys Electronics

  5KP48 Datasheet HTML 1Page - Transys Electronics 5KP48 Datasheet HTML 2Page - Transys Electronics 5KP48 Datasheet HTML 3Page - Transys Electronics 5KP48 Datasheet HTML 4Page - Transys Electronics 5KP48 Datasheet HTML 5Page - Transys Electronics 5KP48 Datasheet HTML 6Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5KP11
5KP11A
11.00
11.00
12.20
12.20
14.90
13.50
5
5
20.1
18.2
249
274
10
10
5KP12
5KP12A
5KP13
5KP13A
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.30
14.70
17.60
15.90
5
5
5
5
22.0
19.9
23.8
21.5
227
251
210
232
10
10
10
10
5KP14
5KP14A
5KP15
5KP15A
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.10
17.20
20.40
18.50
5
5
5
5
25.8
23.2
26.9
24.4
194
215
188
206
10
10
10
10
5KP16
5KP16A
5KP17
5KP17A
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
21.80
19.70
23.10
20.90
5
5
5
5
28.8
26.0
30.5
27.6
176
192
164
181
10
10
10
10
5KP18
5KP18A
5KP20
5KP20A
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
24.40
22.10
27.10
24.50
5
5
5
5
32.2
29.2
35.8
32.4
155
172
139
154
10
10
10
10
5KP22
5KP22A
5KP24
5KP24A
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
29.80
26.90
32.60
29.50
5
5
5
5
39.4
35.5
43.0
38.9
127
141
116
128
10
10
10
10
5KP26
5KP26A
5KP28
5KP28A
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
35.30
31.90
38.00
34.40
5
5
5
5
46.6
42.1
50.0
45.4
107
119
99
110
10
10
10
10
5KP30
5KP30A
5KP33
5KP33A
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
40.70
36.80
44.90
40.60
5
5
5
5
53.5
48.4
59.0
53.3
93
103
85
94
10
10
10
10
5KP36
5KP36A
5KP40
5KP40A
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
48.90
44.20
54.30
49.10
5
5
5
5
64.3
58.1
71.4
64.5
78
85
70
78
10
10
10
10
5KP43
5KP43A
5KP45
5KP45A
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
58.40
52.80
61.10
55.30
5
5
5
5
76.7
69.4
80.3
72.7
65
72
62
69
10
10
10
10
5KP48
5KP48A
5KP51
5KP51A
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
65.10
58.90
69.30
62.70
5
5
5
5
85.5
77.4
91.1
82.4
58
65
55
61
10
10
10
10
5KP54
5KP54A
5KP58
5KP58A
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
73.30
66.30
78.70
71.20
5
5
5
5
96.3
87.1
103.0
93.6
52
57
49
53
10
10
10
10
5KP60
5KP60A
5KP64
5KP64A
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
81.50
73.70
86.90
78.60
5
5
5
5
107.0
96.8
114.0
103.0
47
52
44
49
10
10
10
10
UNI-DIRECTIONAL 5000 Watt Axial Lead TVS
UNI-
DIRECTIONAL
PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @IT
TEST
CURRENT
IT
(mA)
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@VRWM
IR (uA)
5KP70
5KP70A
5KP75
5KP75A
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
95.10
86.00
102.00
92.10
5
5
5
5
125.0
113.0
134.0
121.0
40
44
37
41
10
10
10
10
5KP78
5KP78A
5KP85
5KP85A
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
106.00
95.80
115.00
104.00
5
5
5
5
139.0
126.0
151.0
137.0
36
40
33
36
10
10
10
10
5KP90
5KP90A
5KP100
5KP100A
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
122.00
111.00
136.00
123.00
5
5
5
5
160.0
146.0
179.0
162.0
31
34
28
31
10
10
10
10
5KP110
5KP110A
110.00
110.00
122.00
122.00
149.00
135.00
5
5
196.0
177.0
26
28
10
10



Html Pages

1 2 3 4 5 6