データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B41550 データシート(PDF) 6 Page - EPCOS

部品番号 B41550
部品情報  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B41550 データシート(HTML) 6 Page - EPCOS

Back Button B41550 Datasheet HTML 2Page - EPCOS B41550 Datasheet HTML 3Page - EPCOS B41550 Datasheet HTML 4Page - EPCOS B41550 Datasheet HTML 5Page - EPCOS B41550 Datasheet HTML 6Page - EPCOS B41550 Datasheet HTML 7Page - EPCOS B41550 Datasheet HTML 8Page - EPCOS B41550 Datasheet HTML 9Page - EPCOS B41550 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Overview of available types
VR (V DC)
16
25
40
63
100
Case dimensions d
× l (mm)
CR (
µF)
1500
35.7
× 55.7
2200
35.7
× 55.7
35.7
× 80.7
3300
35.7
× 80.7
35.7
× 105.7
4700
35.7
× 55.7
35.7
× 80.7
51.6
× 80.7
6800
35.7
× 55.7
35.7
× 80.7
35.7
× 105.7
64.3
× 80.7
10000
35.7
× 55.7
35.7
× 80.7
35.7
× 80.7
51.6
× 80.7
64.3
× 80.7
15000
35.7
× 80.7
35.7
× 80.7
35.7
× 105.7
64.3
× 80.7
64.3
× 105.7
22000
35.7
× 80.7
35.7
× 105.7
51.6
× 80.7
64.3
× 105.7
76.9
× 105.7
33000
35.7
× 105.7
51.6
× 80.7
64.3
× 80.7
76.9
× 105.7
76.9
× 143.2
47000
51.6
× 80.7
64.3
× 80.7
64.3
× 105.7
76.9
× 143.2
68000
64.3
× 80.7
64.3
× 105.7
76.9
× 105.7
100000
64.3
× 105.7
76.9
× 105.7
76.9
× 143.2
150000
76.9
× 105.7
76.9
× 143.2
220000
76.9
× 143.2
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
B41550, B41570
SIKOREL
105
°C
Page 6 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17