| データシートサーチシステム |
|
SS1003151ML データシート(PDF) 7 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SS1003151ML データシート(HTML) 7 Page - ABC Taiwan Electronics Corp |
|
7 / 8 page ![]() 180 ___ Polyamide Polyesterimide ____ EILOCKY , material designation or m arked designation on packaed or reel, and For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. LZ - Signifies m agned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- Recognized Component Mark. @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. Marking: Company name or trademarks fies base coated magnet wire twisted together and covered with top coat overall. See General Information Preceding These Recognitions AR-001A 287806002 榮星電線 or Page 2 of 2 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Mark ____ ____ ____ ____ ____ Dsg ____ ____ ____ SF.EILOCKBS Mtl UEW-1 UEW-2 UEW-4 UEY UEY-2 SFFY Dsg 287806002 SF.BW@ SFFW PEY SF.BY@ SF.FLY@ SF.EIW SF.EILOCKY# SF.BLOCKBS SF.FLW EILOCKW LSUEW LSFFW FL.EILOCKY EIW-2 PEW EIW Modified Polyesterimide Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Modified Polyester BC Coat Typ ____ ____ Nylon Polyamide ____ Polyamide OC Page 1 of 2 Polyamide ____ Polyesterimide Polyester Polyester Polyesterimide Polyurethane Polyurethane Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Polyesterimide Modified Polyester Nylon Nylon Polyamide Polyamide Modified ____ ____ Nylon Polyamide ____ ____ ____ Modified ____ ____ Epoxy OBMW2⁄E174837 September 8 , 2000 180 com mitted to quality service dedicated to public safety and A not-for-profit organization Temp ANSI MW2-C MW80C MW75C MW28-C MW28-C ___ Type 130 130 130 130 155 105 Class MW79 MW26C 155 155 155 MW24-C MW77C MW26C MW27-C MW27-C ___ ___ ___ 155 155 180 155 180 155 MW79-C MW74-C ___ ___ ___ ___ 155 200 155 130 155 200 220 ABC'S ITEM NO. ABC'S DWG NO. 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN SPECIFICATION FOR APPROVAL HSIEN TAIWAN Mark ____ Dsg ____ ____ ____ Magnet Wire-Component JUNG SHING WIRE CO LTD SHIELDED SMD POWER INDUCTOR CFUEWB Dsg EIAIW AIW Mtl OBMW2 Ⅹ﹒UL CARD: NAME PROD. Polyurethane Polyamideimide Polyesterimide September 8, 2000 BC Polyamideimide Coat Typ ____ OC ____ REF : E174837 ANSI MW35C MW75C MW81-C Type ___ Class 200 130 220 Temp SS1003□□□□L□-□□□ PAGE: 7 20090626-A |