| データシートサーチシステム |
|
SS0804680KL データシート(PDF) 7 Page - ABC Taiwan Electronics Corp |
|
|
|||||||||||||||||||||||||||||
SS0804680KL データシート(HTML) 7 Page - ABC Taiwan Electronics Corp |
|
7 / 8 page ![]() 200 Modified Polyesterimide EILOCKW ____ ____ ____ ____ ____ Polyamide ____ Polyamide Polyamide Modified Polyamide Modified ____ ____ Polyamide ____ ____ Nylon Polyamide OC ____ , material designation or marked designation on packaed or reel, and For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi- @-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. Recognized Component Mark. Marking: Company name or trademarks fies base coated magnet wire twisted together and covered with top coat overall. See General Information Preceding These Recognitions AE-001A 287806002 Page 2 of 2 榮星電線 or FL.EILOCKY SF.EILOCKBS SF.EILOCKY# SF.BLOCKBS SF.BW@ Dsg UEW-4 UEY-2 UEY SFFY UEW-1 UEW-2 287806002 Mtl SFFW SF.FLW SF.BY@ SF.FLY@ SF.EIW LSFFW LSUEW PEW PEY EIW-2 EIW Modified Polyester ____ Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Dsg ____ ____ ____ ____ ____ ____ Mark ____ BC Page 1 of 2 Coat Typ Polyesterimide Polyurethane Polyurethane Modified Polyester Polyesterimide Modified Polyester Modified Polyester Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ Modified Polyester Polyester Polyester OBMW2⁄E174837 September 8 , 2000 MW26C 155 committed to quality service dedicated to public safety and A not-for-profit organization Type MW75C MW28-C MW28-C MW2-C MW80C ___ ANSI MW79 Class 130 130 130 155 105 130 Temp 155 MW26C Nylon Nylon ___ ___ MW77C MW27-C MW27-C ___ Nylon Epoxy MW79-C MW24-C ___ ___ MW74-C ___ ___ 155 155 180 180 155 155 180 155 155 130 155 220 155 200 ____ OC ____ Polyamide Polyamideimide 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN ABC'S DWG NO. ABC'S ITEM NO. SPECIFICATION FOR APPROVAL HSIEN TAIWAN Magnet Wire-Component JUNG SHING WIRE CO LTD SHIELDED SMD OBMW2 AIW EIAIW EILOCKY CFUEWB Mtl Dsg PROD. NAME Ⅹ﹒ UL CARD: September 8, 2000 Polyurethane Polyamideimide Polyesterimide Polyesterimide ____ ____ ____ ____ Mark ____ Dsg Coat Typ BC POWER INDUCTOR REF : E174837 MW81-C MW35C MW75C ___ ___ Type ANSI 220 200 180 130 Temp Class SS0804□□□□L□-□□□ PAGE: 7 |