| データシートサーチシステム |
|
ACE24LC02DP+UH データシート(PDF) 6 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE24LC02DP+UH データシート(HTML) 6 Page - ACE Technology Co., LTD. |
|
6 / 17 page ![]() ACE24(L)C02/04/08/16 Technology Two-wire Serial EEPROM VER 1.3 6 ACE24LC02/04/08/16 Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +3.6V, (unless otherwise noted). Symbol Parameter Test Condition Min Typ Max Units VCC Supply Voltage 1.7 3.6 V ICC1 Supply Current VCC = 3.6V, Read at 100K 0.4 1.0 mA ICC2 Supply Current VCC = 3.6V, Write at 100K 1.5 2.0 mA ISB1 Standby Current VCC = 1.7V, VIN = VCC/ VSS 1.0 µA ISB2 Standby Current VCC = 3.6V, VIN = VCC/ VSS 3.0 µA ILI Input Leakage Current VIN = VCC/VSS 0.10 3.0 µA ILO Output Leakage Current VOUT = VCC/ VSS 0.05 3.0 µA VIL 1 Input Low Level -0.6 VCCx0.3 V VIH 1 Input High Level VCCx0.7 5.5 V VOL Output Low Level VCC = 2.7V, IOL = 2.1 mA 0.4 V VOL1 Output Low Level VCC = 3.0V, IOL = 2.1 mA 0.4 V VOL2 Output Low Level VCC = 1.8V, IOL = 0.15 mA 0.2 V Note: 1. VIL min and VIH max are reference only and are not tested. AC Characteristics ACE24C02/04/08/16 Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +2.5V to +5.5V, CL = 1 TTL Gate and 100 pF (unless otherwise noted). Test conditions are listed in Note 2. 2.2-volt 5.0-volt Symbol Parameter Min Max Min Max Units fSCL Clock Frequency, SCL 100 400 kHz TLOW Clock Pulse Width Low 4.7 1.2 µs THIGH Clock Pulse Width High 4.0 0.6 µs TAA Clock Low to Data Out Valid 0.1 4.5 0.1 0.9 µs TBUF 1 Time the bus must be free before a new transmission can Start 4.7 1.2 µs THD.STA Start Hold Time 4.0 0.6 µs TSU.STA Start Setup Time 4.7 0.6 µs THD.DAT Data In Hold Time 0 0 µs TSU.DAT Data In Setup Time 200 100 ns TR Inputs Rise Time 1.0 0.3 µs TF Inputs Fall Time 300 300 ns |