| データシートサーチシステム |
|
ENC424J600 データシート(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ENC424J600 データシート(HTML) 9 Page - Microchip Technology |
|
9 / 168 page ![]() 2010 Microchip Technology Inc. DS39935C-page 7 ENC424J600/624J600 TABLE 1-2: ENC424J600/624J600 PINOUT DESCRIPTIONS Pin Name Pin Number Pin Type Input Buffer Description 44-Pin 64-Pin AD0 38 53 I/O CMOS PSP Multiplexed Address Input and/or Bidirectional Data Bus AD1 39 54 I/O CMOS AD2 40 55 I/O CMOS AD3 41 56 I/O CMOS AD4 5 5 I/O CMOS AD5 6 6 I/O CMOS AD6 7 7 I/O CMOS AD7 8 8 I/O CMOS AD8 25 35 I/O CMOS AD9 26 36 I/O CMOS AD10 27 37 I/O CMOS AD11 28 38 I/O CMOS AD12 29 39 I/O CMOS AD13 30 40 I/O CMOS AD14 31 41 I/O CMOS AD15 — 42 I/O CMOS A0 — 57 I CMOS PSP Demultiplexed Address Input Bus A1 — 58 I CMOS A2 — 59 I CMOS A3 — 60 I CMOS A4 — 61 I CMOS A5 — 9 I CMOS A6 — 10 I CMOS A7 — 11 I CMOS A8 — 12 I CMOS A9 — 13 I CMOS A10 — 19 I CMOS A11 — 20 I CMOS A12 — 43 I CMOS A13 — 44 I CMOS A14 — 45 I CMOS AL 37 52 I CMOS PSP Address Latch B0SEL — 50 I CMOS PSP Byte 0 Select B1SEL — 48 I CMOS PSP Byte 1 Select CLKOUT 23 33 O — Programmable Clock Output for External Use CS 34 49 I CMOS SPI Chip Select (active-low) CS 34 49 I CMOS PSP Chip Select (active-high) EN 35 50 I CMOS PSP R/W Enable strobe INT 24 34 O — Interrupt Output (active-low) LEDA 10 15 O — Programmable Ethernet Status/Activity LED LEDB 9 14 O — Programmable Ethernet Status/Activity LED Legend: I = Input; O = Output; P = Power; CMOS = CMOS compatible input buffer; ANA = Analog level input/output |