データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE1085331WM+ データシート(PDF) 5 Page - ACE Technology Co., LTD.

部品番号 ACE1085331WM+
部品情報  3A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1085331WM+ データシート(HTML) 5 Page - ACE Technology Co., LTD.

  ACE1085331WM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1085331WM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1085331WM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1085331WM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1085331WM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1085331WM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1085331WM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1085331WM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1085331WM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
 
                                                                                                                    
ACE1085
                        Technology
3A Low Dropout Linear Regulator
VER 1.2
5
ACE1085
Typical application of ACE1085
Application Hints
1. Recommend using 10uF tan capacitor as bypass capacitor for all application circuit.
2. Recommend using 22uF tan capacitor to assure circuit stability.
3. Using a bypass capacitor(CAdj) between the adjust terminal and ground can improve ripple rejection,
This bypass capacitor prevents ripple from being amplified as the output voltage is increased. The
impedance of CAdj should be less than the resistor’s(R1) which is between output and adjust pins to
prevent ripple from being amplified at any ripple frequency. As R1 is normally in the range of
120Ω~200Ω,the value of CAdj should satisfy this equation: 2*Fripple*CAdj<R1. Recommend using 10uF
tan capacitor.
Output Voltage of Adjustable Version
The ACE1085 adjustable version provide 1.25V Reference Voltage. Any output voltage between
1.25V~13.8V can be available by choosing two external resistors (connection method is shown in chart 1).
In chart 1, R1,R2 is the two external resistors.
Explanation
The output voltage of adjustable version satisfies this followed equation:
Vout=VRef*(1+R2/R1)+IAdj*R2. We can ignore IAdj because IAdj(about 50uA) is much less than the
current of R1(about 4mA).
How to choose R1:The value of R1 should be in the range of 120Ω~200Ω to assure chip working
normally without any load. To assure the electrical performance showed in table 1, the output current
should be larger than 5mA. If R1 is too large, the minimum output current should be larger than 4mA , The
best working condition is to assure that the output current exceeds 10mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11