データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPC1313 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 LPC1313
部品情報  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1313 データシート(HTML) 4 Page - NXP Semiconductors

  LPC1313 Datasheet HTML 1Page - NXP Semiconductors LPC1313 Datasheet HTML 2Page - NXP Semiconductors LPC1313 Datasheet HTML 3Page - NXP Semiconductors LPC1313 Datasheet HTML 4Page - NXP Semiconductors LPC1313 Datasheet HTML 5Page - NXP Semiconductors LPC1313 Datasheet HTML 6Page - NXP Semiconductors LPC1313 Datasheet HTML 7Page - NXP Semiconductors LPC1313 Datasheet HTML 8Page - NXP Semiconductors LPC1313 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
LPC1311_13_42_43_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 December 2009
4 of 53
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
5.
Block diagram
(1) LPC1342/43 only.
(2) LQFP48 package only.
Fig 1.
Block diagram
SRAM
4/8 kB
ARM
CORTEX-M3
TEST/DEBUG
INTERFACE
FLASH
8/16/32 kB
USB DEVICE
CONTROLLER(1)
I-code
bus
D-code
bus
system
bus
AHB TO
APB
BRIDGE
HIGH-SPEED
GPIO
CLOCK
GENERATION,
POWER CONTROL,
SYSTEM
FUNCTIONS
XTALIN
XTALOUT
RESET
clocks and
controls
SWD
USB PHY(1)
SSP
10-bit ADC
UART
32-bit COUNTER/TIMER 0
I2C-BUS
WDT
IOCONFIG
LPC1311/13/42/43
slave
002aae722
slave
slave
slave
slave
ROM
slave
AHB-LITE BUS
GPIO ports
PIO0/1/2/3
CT32B0_MAT[3:0]
AD[7:0]
CT32B0_CAP0
SDA
SCL
RXD
TXD
DTR, DSR(2), CTS,
DCD(2), RI(2), RTS
SYSTEM CONTROL
32-bit COUNTER/TIMER 1
CT32B1_MAT[3:0]
CT32B1_CAP0
16-bit COUNTER/TIMER 1
CT16B1_MAT[1:0]
CT16B1_CAP0
16-bit COUNTER/TIMER 0
CT16B0_MAT[2:0]
CT16B0_CAP0
USB pins
SCK
SSEL
MISO
MOSI
CLKOUT
IRC
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53