| データシートサーチシステム |
|
AS1100PL データシート(PDF) 12 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1100PL データシート(HTML) 12 Page - ams AG |
|
12 / 17 page ![]() www.austriamicrosystems.com Revision 1.33 12 - 17 AS1100 Data Sheet - A p p l i c a t i o n I n f o r m a t i o n Figure 7. Application example as LED dot matrix driver Cascading Drivers The AS1100 can be cascaded as well. The DOUT pin must be connected to the DIN pin of the following AS1100. Table 16. Package thermal resistance data Package Thermal Resistance ( θJA) 24 Narrow DIP +75ºC/W 24 Wide SO +85ºC/w Maximum Junction Temperature (TJ) = +150ºC Maximum Ambient Temperature (TA) = +85ºC SEG G SEG F SEG E SEG D SEG C SEG B SEG A SEG DP DIG 0 DIG 7 1 12 1 9 24 19 18 9.53k 4 SEG A-G SEP DP DIP LOA CLK GND GND VDD ISET SEG G SEG F SEG E SEG D SEG C SEG B SEG A SEG DP DIG 0 DIG 7 1 12 1 9 24 19 18 9.53k 4 SEG A-G SEP DP DIP LOA CLK GND GND VDD ISET µP |