データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPUP データシート(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

部品番号 SPUP
部品情報  1.5/2mm-travel Medium-sized Horizontal Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPS [ALPS ELECTRIC CO.,LTD.]
ホームページ  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPUP データシート(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPUP Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPUP Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPUP Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
91
Horizontal
Type
Vertical
Type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
1.5/2mm-travel Medium-sized Horizontal Type
SPUP Series
1.5
2.5
2
4
Latching
PC board
Non
shorting
Momentary
Latching
Momentary
Latching
2
3
SPUP190700
SPUP192900
SPUP192300
SPUP192700
SPUP192000
SPUP191000
SPUP193100
Poles
Rating
Changeover
timing
Mounting
method
Operation
Straight
Snap-in
Straight
Snap-in
Straight
Snap-in
Terminal
type
2,500
2,000
Minimum order
unit
(pcs.)
Product No.
Travel
(mm)
Total Travel
(mm)
Product Line
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit (integer).
3. Please contact us for automotive use.
Notes
Mid size horizontal type switch suitable for multiple circuits.
Operating
life
0.1A 30V DC/50
BA 3V DC
20m
Ω max./40mΩ max.
10,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial /After operating life)
10,000cycles
(0.1A 30V DC)
Without load
With load
Typical Specifications
Operating
force
1.7
±1N
2.3
±1N
2-poles
4-poles
Push Switch
7.5
7.4
4-poles:22.7
PC board mounting face
10.3
4
8.7
6.5
Terminal No.1
Travel
Total travel
A
Style
PC board mounting hole dimensions
(Viewed from the direction A)
Straight terminal
Snap-in terminal
Dimensions
2-poles, 4-poles
Unit:mm
Actuator Configuration at Front Edge
Circuit DiagramViewed from Direction A
(2)
H2.5
H3.3±0.1
2-R
0.5
Knob face
Unit:mm
4-poles
1
2
3
4
5
6
7
8
9
!11
!2
!0
1
2
3
4
5
6
2-poles
2.5
G5
ø1 holes
3
2.5
G5
0.7
0.7
Gø0.9 hole
3.7
Thickness of PC board t=1.6mm
(3)


同様の部品番号 - SPUP

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SPU VISHAY-SPU Datasheet
76Kb / 3P
Wirewound Resistors, Molded Style, Current Shunts, Very Low Value, Four Terminal
27-Feb-12
logo
Apex Electronics Co., L...
SPU APEX-ELECTRONICS-SPU Datasheet
421Kb / 3P
Ultra-miniature pushbutton switches, optional LED, IP67
logo
Sparkle Power Inc.
SPU-1500-US SPI-SPU-1500-US Datasheet
4Mb / 1P
1500 VA/ 900W line interactive UPS
logo
Hanwha Vision Co., Ltd....
SPU-60240 HANWHAVISION-SPU-60240 Datasheet
400Kb / 3P
Adapter
SPU-60241 HANWHAVISION-SPU-60241 Datasheet
893Kb / 3P
Adapter
More results

同様の説明 - SPUP

メーカー部品番号データシート部品情報
logo
ALPS ELECTRIC CO.,LTD.
SPPH4 ALPS-SPPH4 Datasheet
111Kb / 2P
2.2mm-travel Medium-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUJ ALPS-SPUJ Datasheet
244Kb / 3P
2mm-travel Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
2.5mm-travel Large-sized Horizontal Type
SPPH4 ALPS-SPPH4_15 Datasheet
949Kb / 3P
2.2mm-travel Medium-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
2.5mm-travel Compact-sized Horizontal Type
SPUJ ALPS-SPUJ_15 Datasheet
975Kb / 4P
2mm-travel Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
2.5mm-travel Large-sized Horizontal Type
logo
SHINMEI ELECTRIC CO., L...
SLD-12-500 SHINMEI-SLD-12-500 Datasheet
250Kb / 8P
2mm Travel Miniature Sized Slide Switch
SLM-22-610A-1 SHINMEI-SLM-22-610A-1 Datasheet
119Kb / 3P
2mm Travel Miniature Sized Slide Switch
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com