| データシートサーチシステム |
|
ADE7878 データシート(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7878 データシート(HTML) 22 Page - Analog Devices |
|
22 / 92 page ![]() ADE7878 Rev. 0 | Page 22 of 92 Table 10. Power Modes and Related Characteristics Power Mode All Registers1 LPOILVL, CONFIG2 I2C/SPI Functionality PSM0 State After Hardware Reset Set to default Set to default I2C enabled All circuits are active and DSP is in idle mode. State After Software Reset Set to default Unchanged Active serial port is unchanged if lock in procedure has been previously executed All circuits are active and DSP is in idle mode. PSM1 Not available Values set during PSM0 unchanged. Enabled Current mean absolute values are computed and the results are stored in the AIMAV, BIMAV, and CIMAV registers. The I2C or SPI serial port is enabled with limited functionality. PSM2 Not available Values set during PSM0 unchanged Disabled Compares phase currents against the threshold set in LPOILVL. Triggers IRQ0 or IRQ1 pins accordingly. The serial ports are not available. PSM3 Not available Values set during PSM0 unchanged Disabled Internal circuits shut down and the serial ports are not available. 1 Setting for all registers except the LPOILVL and CONFIG2 registers. |