データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1374 データシート(PDF) 2 Page - ams AG

部品番号 AS1374
部品情報  200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS1374 データシート(HTML) 2 Page - ams AG

  AS1374 Datasheet HTML 1Page - ams AG AS1374 Datasheet HTML 2Page - ams AG AS1374 Datasheet HTML 3Page - ams AG AS1374 Datasheet HTML 4Page - ams AG AS1374 Datasheet HTML 5Page - ams AG AS1374 Datasheet HTML 6Page - ams AG AS1374 Datasheet HTML 7Page - ams AG AS1374 Datasheet HTML 8Page - ams AG AS1374 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
2 - 14
AS1374
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1OUT 2
Regulated Output Voltage 2. Bypass this pin with a capacitor to GND. See
Capacitor Selection and Regulator Stability on page 11 for more details.
2VDD
Input Supply
3OUT 1
Regulated Output Voltage 1. Bypass this pin with a capacitor to GND. See
Capacitor Selection and Regulator Stability on page 11 for more details.
4EN 2
Enable 2. Pull this pin to logic low to disable Regulated Output 2 voltage.
5GND
Ground
6EN 1
Enable 1. Pull this pin to logic low to disable Regulated Output 1 voltage.
AS1374
4
13
6
5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14