| データシートサーチシステム |
|
AS1746 データシート(PDF) 2 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1746 データシート(HTML) 2 Page - ams AG |
|
2 / 15 page ![]() www.austriamicrosystems.com Revision 1.03 2 - 15 AS1746 Datasheet - P i n o u t 4 Pinout Pin Assignments Figure 2. Pin Assignments (Top View) Pin Descriptions Table 1. Pin Descriptions Pin Number Pin Name Description See Figure 2 V+ Positive Input Supply Voltage NO1 Normally Open Analog Switch 1 COM1 Analog Switch 1 Common IN1 Switch 1 Digital Input NC1 Normally Closed Analog Switch 1 GND Ground NC2 Normally Closed Analog Switch 2 IN2 Switch 2 Digital Input COM2 Analog Switch 2 Common NO2 Normally Open Analog Switch 2 AS1746 NO2 NC2 IN2 COM2 V+ IN1 COM1 NO1 GND NC1 C1 C2 C3 C4 A1 A2 A3 A4 B1 B4 AS1746 4 IN1 3 COM1 2 NO1 1 V+ 6GND 7 NC2 9COM2 10 NO2 5 NC1 8IN2 TDFN-10 (3x3mm) WL-CSP-10 |